Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72214S0350K101 Datasheet(PDF) 8 Page - EPCOS

Part # B72214S0350K101
Description  SIOV metal oxide varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214S0350K101 Datasheet(HTML) 8 Page - EPCOS

Back Button B72214S0350K101 Datasheet HTML 4Page - EPCOS B72214S0350K101 Datasheet HTML 5Page - EPCOS B72214S0350K101 Datasheet HTML 6Page - EPCOS B72214S0350K101 Datasheet HTML 7Page - EPCOS B72214S0350K101 Datasheet HTML 8Page - EPCOS B72214S0350K101 Datasheet HTML 9Page - EPCOS B72214S0350K101 Datasheet HTML 10Page - EPCOS B72214S0350K101 Datasheet HTML 11Page - EPCOS B72214S0350K101 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
B72205S0111K101
180
±10
300
5.0
110
B72207S0111K101
180
±10
300
10.0
220
B72210S0111K101
180
±10
300
25.0
445
B72214S0111K101
180
±10
300
50.0
730
B72220S0111K101
180
±10
300
100.0
1520
B72205S0131K101
205
±10
340
5.0
100
B72207S0131K101
205
±10
340
10.0
200
B72210S0131K101
205
±10
340
25.0
400
B72214S0131K101
205
±10
340
50.0
650
B72220S0131K101
205
±10
340
100.0
1340
B72205S0141K101
220
±10
360
5.0
95
B72207S0141K101
220
±10
360
10.0
180
B72210S0141K101
220
±10
360
25.0
370
B72214S0141K101
220
±10
360
50.0
610
B72220S0141K101
220
±10
360
100.0
1240
B72205S0151K101
240
±10
395
5.0
90
B72207S0151K101
240
±10
395
10.0
170
B72210S0151K101
240
±10
395
25.0
350
B72214S0151K101
240
±10
395
50.0
570
B72220S0151K101
240
±10
395
100.0
1160
B72205S0171K101
270
±10
455
5.0
75
B72207S0171K101
270
±10
455
10.0
150
B72210S0171K101
270
±10
455
25.0
300
B72214S0171K101
270
±10
455
50.0
490
B72220S0171K101
270
±10
455
100.0
1000
B72205S0231K101
360
±10
595
5.0
60
B72207S0231K101
360
±10
595
10.0
115
B72210S0231K101
360
±10
595
25.0
230
B72214S0231K101
360
±10
595
50.0
380
B72220S0231K101
360
±10
595
100.0
760
B72205S0251K101
390
±10
650
5.0
55
B72207S0251K101
390
±10
650
10.0
105
B72210S0251K101
390
±10
650
25.0
215
B72214S0251K101
390
±10
650
50.0
350
B72220S0251K101
390
±10
650
100.0
700
Characteristics (TA = 25 °C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc, max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
StandarD series
Leaded varistors


Similar Part No. - B72214S0350K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S0350K101 EPCOS-B72214S0350K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214S0350K101 EPCOS-B72214S0350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S0350K101 EPCOS-B72214S0350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
logo
TDK Electronics
B72214S0350K101 TDK-B72214S0350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72214S0350K101 EPCOS-B72214S0350K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72214S0350K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com