Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41505A7688M000 Datasheet(PDF) 11 Page - EPCOS

Part # B41505A7688M000
Description  Aluminum electrolytic capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505A7688M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B41505A7688M000 Datasheet HTML 7Page - EPCOS B41505A7688M000 Datasheet HTML 8Page - EPCOS B41505A7688M000 Datasheet HTML 9Page - EPCOS B41505A7688M000 Datasheet HTML 10Page - EPCOS B41505A7688M000 Datasheet HTML 11Page - EPCOS B41505A7688M000 Datasheet HTML 12Page - EPCOS B41505A7688M000 Datasheet HTML 13Page - EPCOS B41505A7688M000 Datasheet HTML 14Page - EPCOS B41505A7688M000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
B41505
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R2)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 63 V DC
1000
22
× 25
149
159
2.6
2.0
1.0
B41505A8108M00#
1500
22
× 35
100
106
3.6
2.8
1.4
B41505A8158M00#
2200
25
× 35
68
72
4.3
3.4
1.7
B41505A8228M00#
2200
30
× 30
80
85
4.6
3.6
1.8
B41505F8228M00#
3300
30
× 40
53
56
5.9
4.6
2.3
B41505A8338M00#
4700
35
× 35
42
45
6.9
5.4
2.7
B41505A8478M00#
6800
35
× 50
29
31
9.4
7.2
3.6
B41505A8688M00#
VR = 80 V DC
1000
25
× 25
125
133
3.3
2.6
1.3
B41505A0108M00#
1200
30
× 25
104
110
3.8
3.0
1.5
B41505A0128M00#
1500
25
× 35
83
89
4.6
3.6
1.8
B41505A0158M00#
2200
30
× 35
56
60
5.1
4.0
2.0
B41505A0228M00#
3300
35
× 35
45
48
7.1
5.6
2.8
B41505A0338M00#
4700
35
× 45
32
34
8.5
6.8
3.4
B41505A0478M00#
VR = 100 V DC
560
25
× 25
178
190
2.6
2.0
1.0
B41505A9567M00#
680
22
× 35
146
156
3.1
2.4
1.2
B41505A9687M00#
1000
25
× 35
100
106
3.6
2.8
1.4
B41505A9108M00#
1000
30
× 30
100
106
3.8
3.0
1.5
B41505F9108M00#
1500
30
× 40
66
70
4.8
3.8
1.9
B41505A9158M00#
2200
30
× 50
56
60
5.9
4.6
2.3
B41505A9228M00#
3300
35
× 50
38
40
7.7
6.0
3.0
B41505A9338M00#
B41505
Excellent performance
105
°C
Page 11 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41505A7688M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505A7688M000 EPCOS-B41505A7688M000 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
B41505A7688M000 EPCOS-B41505A7688M000 Datasheet
1Mb / 21P
   Aluminum electrolytic capacitors21
More results

Similar Description - B41505A7688M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com