Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32774D1155C000 Datasheet(PDF) 10 Page - EPCOS

Part # B32774D1155C000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774D1155C000 Datasheet(HTML) 10 Page - EPCOS

Back Button B32774D1155C000 Datasheet HTML 6Page - EPCOS B32774D1155C000 Datasheet HTML 7Page - EPCOS B32774D1155C000 Datasheet HTML 8Page - EPCOS B32774D1155C000 Datasheet HTML 9Page - EPCOS B32774D1155C000 Datasheet HTML 10Page - EPCOS B32774D1155C000 Datasheet HTML 11Page - EPCOS B32774D1155C000 Datasheet HTML 12Page - EPCOS B32774D1155C000 Datasheet HTML 13Page - EPCOS B32774D1155C000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical data
Reference standard: IEC 61071. All data given at T = 20
°C, unless otherwise specified.
Operating temperature range (case)
Max. operating temperature, Top,max
Upper category temperature Tmax
Lower category temperature Tmin
+105
°C
+85
°C
–40
°C
ESR (at 10 kHz)
LS 27.5
LS 37.5
LS 52.5
< 3.0
ESRtyp
< 2.5
ESRtyp
< 2.0
ESRtyp
Insulation Resistance Rins
given as time constant
τ = C
R
Rins, rel. humidity
≤ 65%
(minimum as-delivered values)
30 000 s
DC test voltage between terminals (10 s) 1.5
VR
DC test voltage terminal to case (10 s)
2110 V AC, 50 Hz
Maximum peak current (A)
Damp heat test
Limit values after damp heat test
56 days/40
°C/93% relative humidity
Capacitance change |
∆C/C |
≤ 5%
Dissipation factor change
∆ tan δ ≤ 1.5 · 10-3 (at 1 kHz)
Insulation resistance Rins
≥ 50% of minimum
as-delivered values
Reliability:
Failure rate
λ
50 fit (
≤ 1 10-9/h) at 0.5 V
R, 40
°C
Service life tSL
100 000 h at VR and 70
°C
For conversion to other operating conditions, refer to
chapter "Quality, 2 Reliability".
VR (V DC)
450
575
800
900
1100
1300
450
575
800
900
1100
1300
450
500
700
800
920
1100
Continuous operation voltage
Vop (V DC) at 70
°C
Continuous operation voltage
Vop (V DC) at 85
°C
For temperatures between
70
°C and 85 °C
1%/
°C of derating respect V
op at 70
°C
(no derating at 450 V DC series)
B32774 ... B32778
MKP DC link
high density series
Page 10 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32774D1155C000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32774D1155 EPCOS-B32774D1155 Datasheet
313Kb / 21P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32774D1155+000 EPCOS-B32774D1155+000 Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32774D1155J000 EPCOS-B32774D1155J000 Datasheet
280Kb / 21P
   Film Capacitors
B32774D1155K000 EPCOS-B32774D1155K000 Datasheet
280Kb / 21P
   Film Capacitors
logo
TDK Electronics
B32774D1155K000 TDK-B32774D1155K000 Datasheet
1Mb / 45P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32774D1155C000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com