Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59970C0080A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59970C0080A070
Description  PTC thermistors for overcurrent protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59970C0080A070 Datasheet(HTML) 3 Page - EPCOS

  B59970C0080A070 Datasheet HTML 1Page - EPCOS B59970C0080A070 Datasheet HTML 2Page - EPCOS B59970C0080A070 Datasheet HTML 3Page - EPCOS B59970C0080A070 Datasheet HTML 4Page - EPCOS B59970C0080A070 Datasheet HTML 5Page - EPCOS B59970C0080A070 Datasheet HTML 6Page - EPCOS B59970C0080A070 Datasheet HTML 7Page - EPCOS B59970C0080A070 Datasheet HTML 8Page - EPCOS B59970C0080A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
General technical data
Max. operating voltage
(TA = 60
°C)
Vmax
80
V DC or V AC
Rated voltage
VR
63
V DC or V AC
Switching cycles
N
100
Tolerance of RR
(Tref = 80
°C or 120 °C)
∆R
R
±25
%
Tolerance of RR
(Tref = 130
°C)
∆R
R
±20
%
Operating temperature range
(V = 0)
Top
40/+125
°C
Operating temperature range
(V = Vmax, Tref = 80
°C)
Top
40/+85
°C
Operating temperature range
(V = Vmax, Tref = 120
°C/130 °C) T
op
40/+125
°C
Electrical specifications and ordering codes
Type
IR
mA
IS
mA
ISmax
(V = Vmax)
A
Ir
(typ.)
(V = Vmax)
mA
Tref
(typ.)
°C
RR
Rmin
Approvals
Ordering code
C910 1000 1500
10.0
60
130
1.2
0.8 X
B59910C0130A070
C930
700 1400
10.0
50
120
1.65
1.1 X
B59930C0120A070
C930
700 1100
8.0
50
130
2.2
1.5 X
B59930C0130A070
C940
450
900
8.0
40
120
2.3
1.5 X
B59940C0120A070
C930
340
700
10.0
35
80
1.65
1.1 X
B59930C0080A070
C950
320
640
5.5
30
120
3.7
2.4 X
B59950C0120A070
C950
320
500
4.3
25
130
4.9
3.2 X
B59950C0130A070
C960
250
500
4.3
25
120
5.6
3.7 X
B59960C0120A070
C960
250
380
3.0
20
130
8.0
5.2 X
B59960C0130A070
C940
245
500
8.0
25
80
2.3
1.5 X
X
B59940C0080A070
C950
170
350
5.5
20
80
3.7
2.4 X
X
B59950C0080A070
C970
150
300
3.0
20
120
9.4
6.2 X
B59970C0120A070
C970
150
240
1.0
18
130
20
13.2 X
X
B59970C0130A070
C960
130
265
4.3
15
80
5.6
3.7 X
X
B59960C0080A070
C970
90
190
3.0
11
80
9.4
6.2 X
X
B59970C0080A070
C980
85
170
1.0
16
120
25
16.5 X
B59980C0120A070
C980
85
130
0.7
15
130
62
40.9 X
X
B59980C0130A070
C980
50
110
1.0
8
80
25
16.5 X
X
B59980C0080A070
C990
50
100
0.7
12
120
55
36.3 X
B59990C0120A070
C990
30
60
0.7
5
80
55
36.3 X
X
B59990C0080A070
Overcurrent protection
Leaded disks, coated, 63 V
C910 ... C990
Page 3 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59970C0080A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
886Kb / 13P
   Leaded disks, coated, 63 V
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
600Kb / 15P
   PTC thermistors for overcurrent protection
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
603Kb / 13P
   PTC thermistors for overcurrent protection
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
349Kb / 15P
   PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
More results

Similar Description - B59970C0080A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com