Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72440C0050A160 Datasheet(PDF) 2 Page - EPCOS

Part # B72440C0050A160
Description  CeraDiodes
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72440C0050A160 Datasheet(HTML) 2 Page - EPCOS

  B72440C0050A160 Datasheet HTML 1Page - EPCOS B72440C0050A160 Datasheet HTML 2Page - EPCOS B72440C0050A160 Datasheet HTML 3Page - EPCOS B72440C0050A160 Datasheet HTML 4Page - EPCOS B72440C0050A160 Datasheet HTML 5Page - EPCOS B72440C0050A160 Datasheet HTML 6Page - EPCOS B72440C0050A160 Datasheet HTML 7Page - EPCOS B72440C0050A160 Datasheet HTML 8Page - EPCOS B72440C0050A160 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1) Except CDS2C05GTA and CDS3C05GTA Vleak = 3.3 V. Any operating voltage lower than Vleak results in lower leakage current.
Features
ESD protection to IEC 61000-4-2, level 4
Bidirectional ESD protection in one component
No change in ESD protection performance at temperatures
up to 85
°C (temperature derating)
Use of parasitic capacitance for EMI suppression and
high-frequency filtering (replacement of additional MLCC)
High surge current capability
Low parasitic inductance
Low leakage current
Fast response time <0.5 ns
Lead-free nickel barrier terminations suitable for lead-free soldering
RoHS-compatible
Applications
Interfaces, data lines, power lines and audio lines, pushbuttons,
serial ports, ICs and I/O ports
Consumer electronic products (TV, DVD player/recorder, set-top
box, game consoles, MP3 player, digital still/video camera, etc.)
EDP products (desktop and notebook computer, monitor, PDA,
printer, memory card, control unit, head set, speaker, HDD, optical
drive, etc.)
Industrial applications
Design
Multilayer technology
Nickel barrier termination (Ag/Ni/Sn) for lead-free soldering
Marking
Due to the symmetrical configuration no marking information is
needed.
Single chip
4-fold array
General technical data
Maximum DC operating voltage
VDC,max
5.6 ... 22
V
Typical capacitance
Ctyp
15 ... 470
pF
Air discharge ESD capability
to IEC 61000-4-2
VESD,air
15
kV
Contact discharge ESD capability
to IEC 61000-4-2
VESD,contact
8
kV
Leakage current1)
(Vleak = 5.6 V)
Ileak
1
µA
Operating temperature
(without derating)
Top
40/+85
°C
Storage temperature
LCT/UCT
40/+125
°C
CeraDiodes
Standard series
Page 2 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72440C0050A160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72440C0050A160 EPCOS-B72440C0050A160 Datasheet
510Kb / 22P
   CeraDiodes
B72440C0050A160 EPCOS-B72440C0050A160 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
More results

Similar Description - B72440C0050A160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72714D0200A060 EPCOS-B72714D0200A060_12 Datasheet
510Kb / 22P
   CeraDiodes
B72724D160H62 EPCOS-B72724D160H62 Datasheet
567Kb / 22P
   CeraDiodes
B72714D0200A060 EPCOS-B72714D0200A060_08 Datasheet
523Kb / 22P
   CeraDiodes
B72755D0050H062 EPCOS-B72755D0050H062 Datasheet
562Kb / 22P
   CeraDiodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com