Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFC2005 Datasheet(PDF) 2 Page - Riedon Powertron

Part # TFC2005
Description  Thick Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

TFC2005 Datasheet(HTML) 2 Page - Riedon Powertron

  TFC2005 Datasheet HTML 1Page - Riedon Powertron TFC2005 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
6/13
SPECIFICATIONS (continued)
Part Description: Part Type - Resistance - Tolerance - TCR
Example: TF2009 100 MOhms 2% 100ppm
( Note: If no TCR is specified / the highest value will be supplied )
TF2000 Series
Thick Film Resistors
Type
H (MAX)
L (MAX)
T (MAX)
W
±0.015” [±0.4mm]
TF2003
0.236 [6.0]
0.197 [5.0]
0.100 [2.5]
0.100 [2.5]
TF2004
0.236 [6.0]
0.287 [7.3]
0.100 [2.5]
0.200 [5.1]
TF2005
0.236 [6.0]
0.492 [12.5]
0.100 [2.5]
0.400 [10.2]
TF2006
0.236 [6.0]
0.886 [22.5]
0.100 [2.5]
0.800 [20.3]
TF2007
0.354 [9.0]
1.535 [39.0]
0.100 [2.5]
1.400 [35.6]
TF2009
0.354 [9.0]
3.071 [78.0]
0.100 [2.5]
2.900 [73.7]
Type
H (MAX)
L (MAX)
T (MAX)
TFC2004
0.153 [3.9]
0.260 [6.6]
0.032 [0.8]
TFC2005
0.153 [3.9]
0.465 [11.8]
0.032 [0.8]
TFC2006
0.153 [3.9]
0.866 [22.0]
0.032 [0.8]
TFC2007
0.26 [6.6]
1.512 [38.4]
0.032 [0.8]
Ordering Information


Similar Part No. - TFC2005

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
TFC2005 RIEDON-TFC2005 Datasheet
306Kb / 2P
   Thick Film Resistors
More results

Similar Description - TFC2005

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
   Thick Film Resistors
logo
Riedon Powertron
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
   Thick Film Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com