Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA2039-D Datasheet(PDF) 3 Page - ON Semiconductor

Part # ENA2039-D
Description  12V Low Saturation Voltage Drive Stepping Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2039-D Datasheet(HTML) 3 Page - ON Semiconductor

  ENA2039-D Datasheet HTML 1Page - ON Semiconductor ENA2039-D Datasheet HTML 2Page - ON Semiconductor ENA2039-D Datasheet HTML 3Page - ON Semiconductor ENA2039-D Datasheet HTML 4Page - ON Semiconductor ENA2039-D Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LV8549MC
No.A2039-3/5
Block Diagram
Pin function
Pin No.
Pin name
Pin function
Equivalent Circuit
1
VCC
Power-supply voltage pin.
VCC voltage is impressed. The permissible operation voltage is from
4.0 to 16.0(V). The capacitor is connected for stabilization for GND pin
(6pin).
2
ENA
Motor drive control input pin.
It shifts from the stand-by state to a prescribed output operation
corresponding to the state of the input when the ENA pin becomes a
standby mode by L, the circuit current can be adjusted to 0, and it makes
it to H. It is a digital input, and the range of L level input is 0 to 0.7(V) and
the range of H level input are 1.8 to 5.5(V). PWM can be input.
Pull-down resistance 100(k
Ω) is built into in the terminal.
3
IN1
Motor drive control input pin.
Driving control input pin of OUT1 (10pin) and OUT2 (9pin). PWM can be
input. With built-in pull-down resistance.
4
IN2
Motor drive control input pin.
Driving control input pin of OUT3 (8pin) and OUT4 (7pin). PWM can be
input. With built-in pull-down resistance.
5VREG
5
NC
6
GND
Ground pin.
7
OUT4
Driving output pin.
The motor coil is connected between terminal OUT3 (8pin).
8
OUT3
Driving output pin.
The motor coil is connected between terminal OUT4 (7pin).
9
OUT2
Driving output pin.
The motor coil is connected between terminal OUT1 (10pin).
10
OUT1
Driving output pin.
The motor coil is connected between terminal OUT2 (9pin).
VCC
OUT1
(OUT3)
OUT2
(OUT4)
LVS
INPUT
LOGIC
H-side
PRE
L-side
PRE
H-side
PRE
L-side
PRE
VCC
VCC
OUT1
OUT2
M
OUT3
OUT4
IN1
IN2
ENA
TSD
VREF
GND


Similar Part No. - ENA2039-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
   Battery Monitor IC
May, 2013 Ver.1.5
More results

Similar Description - ENA2039-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8549MC-AH ONSEMI-LV8549MC-AH Datasheet
124Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8549M SANYO-LV8549M Datasheet
166Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
LV8549MC SANYO-LV8549MC Datasheet
166Kb / 5P
   Bi-CMOS integrated circuit 12V Low Saturation Voltage Drive Stepping Motor Driver
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
Fairchild Semiconductor
FAN8200 FAIRCHILD-FAN8200_04 Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
FAN8200 FAIRCHILD-FAN8200 Datasheet
404Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
logo
Sanyo Semicon Device
LB1948M SANYO-LB1948M_09 Datasheet
120Kb / 6P
   12V Low Saturation Voltage Drive
LB1948MC SANYO-LB1948MC Datasheet
173Kb / 6P
   Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com