Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA2039-D Datasheet(PDF) 5 Page - ON Semiconductor

Part # ENA2039-D
Description  12V Low Saturation Voltage Drive Stepping Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2039-D Datasheet(HTML) 5 Page - ON Semiconductor

  ENA2039-D Datasheet HTML 1Page - ON Semiconductor ENA2039-D Datasheet HTML 2Page - ON Semiconductor ENA2039-D Datasheet HTML 3Page - ON Semiconductor ENA2039-D Datasheet HTML 4Page - ON Semiconductor ENA2039-D Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LV8549MC
PS No.A2039-5/5
Applied circuit example
* Bypass capacitor (C1) connected between VCC-GND of all examples of applied circuit recommends the electric field
capacitor of 0.1
μA to 10μA.
Confirm there is no problem in operation in the state of the motor load including the temperature property about the
value of the capacitor.
Mount the position where the capacitor is mounted on nearest IC.
LV8549MC
M
C1
+
Logic input
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture ofthe
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Similar Part No. - ENA2039-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
   Battery Monitor IC
May, 2013 Ver.1.5
More results

Similar Description - ENA2039-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8549MC-AH ONSEMI-LV8549MC-AH Datasheet
124Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8549M SANYO-LV8549M Datasheet
166Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
LV8549MC SANYO-LV8549MC Datasheet
166Kb / 5P
   Bi-CMOS integrated circuit 12V Low Saturation Voltage Drive Stepping Motor Driver
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
Fairchild Semiconductor
FAN8200 FAIRCHILD-FAN8200_04 Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
FAN8200 FAIRCHILD-FAN8200 Datasheet
404Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
logo
Sanyo Semicon Device
LB1948M SANYO-LB1948M_09 Datasheet
120Kb / 6P
   12V Low Saturation Voltage Drive
LB1948MC SANYO-LB1948MC Datasheet
173Kb / 6P
   Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com