Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR10PM-14LJ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BCR10PM-14LJ
Description  700V - 10A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10PM-14LJ Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR10PM-14LJ Datasheet HTML 1Page - Renesas Technology Corp BCR10PM-14LJ Datasheet HTML 2Page - Renesas Technology Corp BCR10PM-14LJ Datasheet HTML 3Page - Renesas Technology Corp BCR10PM-14LJ Datasheet HTML 4Page - Renesas Technology Corp BCR10PM-14LJ Datasheet HTML 5Page - Renesas Technology Corp BCR10PM-14LJ Datasheet HTML 6Page - Renesas Technology Corp BCR10PM-14LJ Datasheet HTML 7Page - Renesas Technology Corp BCR10PM-14LJ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCR10PM-14LJ
Preliminary
R07DS0980EJ0100 Rev.1.00
Page 5 of 7
Dec 03, 2012
20
0
40
80
60
100
120
140
160
101
102
103
104
0
20
40
80
60
100
120
140
160
102
103
101
102
103
100
101
100
101
102
−40
0
40
80
120
160
−40
0
40
80
120
160
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj = 125°C)
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj = 150°C)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Commutation Characteristics (Tj = 125°C)
Rate of Decay of On-State
Commutating Current (A/ms)
–40
0
40
80
120
160
Typical Example
Distribution
T2+, G–
Typical Example
T2+, G+
T2–, G–
Typical Example
I Quadrant
Typical Example
Tj = 125°C, IT = 4A,
τ = 500μs
VD = 200V, f = 3Hz
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
III Quadrant
Minimum
Characteristics
Value
0
20
40
80
60
100
120
140
160
Typical Example
Tj = 125°C
III Quadrant
I Quadrant
Typical Example
Typical Example
Tj = 150°C
III Quadrant
I Quadrant
101
102
103
104
100
101
102


Similar Part No. - BCR10PM-14LJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10PM-14LJ RENESAS-BCR10PM-14LJ_15 Datasheet
112Kb / 8P
   700V - 10A - Triac Medium Power Use
More results

Similar Description - BCR10PM-14LJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10FM-14LJ RENESAS-BCR10FM-14LJ_15 Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10PM-14LJ RENESAS-BCR10PM-14LJ_15 Datasheet
112Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10FM-14LJ RENESAS-BCR10FM-14LJ Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ Datasheet
110Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com