Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR08ES-14AT14B12 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR08ES-14AT14B12
Description  700V - 0.8A - Triac Low Power Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08ES-14AT14B12 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR08ES-14AT14B12 Datasheet HTML 1Page - Renesas Technology Corp BCR08ES-14AT14B12 Datasheet HTML 2Page - Renesas Technology Corp BCR08ES-14AT14B12 Datasheet HTML 3Page - Renesas Technology Corp BCR08ES-14AT14B12 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0971EJ0001 Rev.0.01
Page 1 of 3
Nov 28, 2012
Preliminary Datasheet
BCR08ES-14A
700V - 0.8A - Triac
Low Power Use
Features
 IT (RMS) : 0.8 A
 VDRM : 700 V
 IFGTI, IRGTI, IRGTIII : 5 mA or 10mA
mode trigger is available (#B11, #B12)
 Non-Insulated Type
 Planar Passivation Type
 Surface Mounted Type
 Completed Pb Free
Outline
RENESAS Package code: PLZZ0004CA-A)
(Package name: UPAK)
2, 4
3
1
1. Gate Terminal
2. T2 Terminal
3. T1 Terminal
4. T2 Terminal
2
4
1
3
Applications
Hybrid IC, solid state relay, electric fan, washing machine, and other general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
14
Unit
Repetitive peak off-state voltage
Note1
VDRM
700
V
Non- repetitive peak off-state voltage
Note1
VDSM
840
V
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
0.8
A
Commercial frequency, sine full wave
360° conduction, Ta= 40°C
Note3
Surge on-state current
ITSM
8
A
60 Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
0.26
A
2s
Value corresponding to 1 cycle of half
wave 60 Hz, surge on-state current
Peak gate power dissipation
PGM
1
W
Average gate power dissipation
PG (AV)
0.1
W
Peak gate voltage
VGM
6
V
Peak gate current
IGM
0.5
A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
50
mg
Typical value
R07DS0971EJ0001
Rev.0.01
Nov 28, 2012


Similar Part No. - BCR08ES-14AT14B12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
   MITSUBISHI SEMICONDUCTOR
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR08AM-12A-A6 RENESAS-BCR08AM-12A-A6 Datasheet
114Kb / 7P
   Triac Low Power Use
More results

Similar Description - BCR08ES-14AT14B12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AS-14A RENESAS-BCR08AS-14A Datasheet
68Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
   700V-0.8A-Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_13 Datasheet
105Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A_15 Datasheet
100Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR1AM-14A RENESAS-BCR1AM-14A_15 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
BCR1AM-14A RENESAS-BCR1AM-14A Datasheet
69Kb / 4P
   700V-1A-Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AS-14B RENESAS-BCR3AS-14B Datasheet
447Kb / 8P
   700V - 3A - Triac Low Power Use
May. 10, 2019
BCR12FM-14LB RENESAS-BCR12FM-14LB Datasheet
133Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR5FM-14LB RENESAS-BCR5FM-14LB Datasheet
62Kb / 4P
   700V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com