Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD5865NLT4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVD5865NLT4G
Description  Power MOSFET 60 V, 46 A, 16 m, Single N?묬hannel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5865NLT4G Datasheet(HTML) 4 Page - ON Semiconductor

  NVD5865NLT4G Datasheet HTML 1Page - ON Semiconductor NVD5865NLT4G Datasheet HTML 2Page - ON Semiconductor NVD5865NLT4G Datasheet HTML 3Page - ON Semiconductor NVD5865NLT4G Datasheet HTML 4Page - ON Semiconductor NVD5865NLT4G Datasheet HTML 5Page - ON Semiconductor NVD5865NLT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVD5865NL
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
200
400
600
800
1000
1200
1400
1600
1800
0
102030
405060
Figure 7. Capacitance Variation
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
0
2
4
6
8
10
0
5
10
15
20
25
30
Qgs
QT
Qgd
Figure 8. Gate−to−Source vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
VDS = 48 V
ID = 38 A
TJ = 25°C
1
10
100
1000
1
10
100
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
VDD = 48 V
ID = 38 A
VGS = 10 V
td(off)
td(on)
tr
tf
0
5
10
15
20
25
30
35
40
0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.00
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
TJ = 25°C
VGS = 0 V
0.1
1
10
100
1000
0.1
1
10
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
10 ms
100 ms
1 ms
dc
10 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 10 V
SINGLE PULSE
TC = 25°C


Similar Part No. - NVD5865NLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5865NLT4G ONSEMI-NVD5865NLT4G Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2013 ??Rev. 2
logo
VBsemi Electronics Co.,...
NVD5865NLT4G VBSEMI-NVD5865NLT4G Datasheet
988Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com