Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR08DS-14AT13B10 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR08DS-14AT13B10
Description  700V-0.8A-Triac Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08DS-14AT13B10 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR08DS-14AT13B10 Datasheet HTML 1Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 2Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 3Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 4Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 5Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 6Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0258EJ0200 Rev.2.00
Page 1 of 6
Aug 07, 2013
Preliminary Datasheet
BCR08DS-14A
700V-0.8A-Triac
Low Power Use
Features
• I
T (RMS) : 0.8 A
• V
DRM :700 V
• I
FGTI, IRGTI, IRGTIII : 5 mA or 10mA
• IVmode trigger is available (#B12)
• Planar Passivation Type
• Surface Mounted Type
• Completed Pb Free
Outline
RENESAS Package code: PRSP0004ZA-A
(Package name: SOT-223)
4
1
2
3
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
Applications
Washing machine, electric fan, air cleaner, other general purpose control applications
Maximum Ratings
Parameter
Symbol
Voltage class
Unit
14
Repetitive peak off-state voltage
Note1
VDRM
700
V
Non- repetitive peak off-state voltage
Note1
VDSM
840
V
Notes: 1. Gate open.
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
0.8
A
Commercial frequency, sine full wave
360° conduction, Tc= 96°C
Note3
Surge on-state current
ITSM
8
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
0.26
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
1
W
Average gate power dissipation
PG (AV)
0.1
W
Peak gate voltage
VGM
6
V
Peak gate current
IGM
0.5
A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
0.12
g
Typical value
R07DS0258EJ0200
Rev.2.00
Aug 07, 2013


Similar Part No. - BCR08DS-14AT13B10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08DS-14A RENESAS-BCR08DS-14A Datasheet
88Kb / 7P
   Triac Low Power Use Planar Passivation Type Surface Mounted Type
BCR08DS-14A-T13B10 RENESAS-BCR08DS-14A-T13B10 Datasheet
88Kb / 7P
   Triac Low Power Use Planar Passivation Type Surface Mounted Type
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
   700V-0.8A-Triac Low Power Use
More results

Similar Description - BCR08DS-14AT13B10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AS-14A RENESAS-BCR08AS-14A Datasheet
68Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
   700V-0.8A-Triac Low Power Use
BCR08ES-14A RENESAS-BCR08ES-14A Datasheet
102Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A_15 Datasheet
100Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR1AM-14A RENESAS-BCR1AM-14A_15 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
BCR1AM-14A RENESAS-BCR1AM-14A Datasheet
69Kb / 4P
   700V-1A-Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AS-14B RENESAS-BCR3AS-14B Datasheet
447Kb / 8P
   700V - 3A - Triac Low Power Use
May. 10, 2019
BCR12FM-14LB RENESAS-BCR12FM-14LB Datasheet
133Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR5FM-14LB RENESAS-BCR5FM-14LB Datasheet
62Kb / 4P
   700V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com