Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR08DS-14AT13B10 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR08DS-14AT13B10
Description  700V-0.8A-Triac Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08DS-14AT13B10 Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR08DS-14AT13B10 Datasheet HTML 1Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 2Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 3Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 4Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 5Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 6Page - Renesas Technology Corp BCR08DS-14AT13B10 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCR08DS-14A
Preliminary
R07DS0258EJ0200 Rev.2.00
Page 4 of6
Aug 07, 2013
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
0
0.4
1.2
1.6
2.0
0.8
00.2
0.4
0.8
1.2
0.6
1.0
1.4
10
3
10
2
10
1
–40
0
40
80
120
160
–40
0
40
80
120
160
10
2
10
5
10
4
10
3
0
0.2
0.4
0.6
0.8
1.0
0
20
40
80
60
100
120
140
160
Typical Example
Typical Example
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
0
20
40
80
60
100
120
140
160
–40
0
40
80
120
160
Typical Example
360
°
Conduction
Resistive,
inductive loads
360
°
Conduction
Resistive,
inductive loads
Curves apply regardless of
conduction angle
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
–40
0
40
80
120
160
T2+, G–
Typical Example
Distribution
10
2
10
0
10
1
10
−1
Typical Example
T2–, G–
T2+, G+
T2–, G+


Similar Part No. - BCR08DS-14AT13B10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08DS-14A RENESAS-BCR08DS-14A Datasheet
88Kb / 7P
   Triac Low Power Use Planar Passivation Type Surface Mounted Type
BCR08DS-14A-T13B10 RENESAS-BCR08DS-14A-T13B10 Datasheet
88Kb / 7P
   Triac Low Power Use Planar Passivation Type Surface Mounted Type
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
   700V-0.8A-Triac Low Power Use
More results

Similar Description - BCR08DS-14AT13B10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AS-14A RENESAS-BCR08AS-14A Datasheet
68Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
   700V-0.8A-Triac Low Power Use
BCR08ES-14A RENESAS-BCR08ES-14A Datasheet
102Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A_15 Datasheet
100Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR1AM-14A RENESAS-BCR1AM-14A_15 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
BCR1AM-14A RENESAS-BCR1AM-14A Datasheet
69Kb / 4P
   700V-1A-Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AS-14B RENESAS-BCR3AS-14B Datasheet
447Kb / 8P
   700V - 3A - Triac Low Power Use
May. 10, 2019
BCR12FM-14LB RENESAS-BCR12FM-14LB Datasheet
133Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR5FM-14LB RENESAS-BCR5FM-14LB Datasheet
62Kb / 4P
   700V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com