Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD166020T1F Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD166020T1F
Description  MOS INTEGRATED CIRCUIT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166020T1F Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD166020T1F Datasheet HTML 5Page - Renesas Technology Corp UPD166020T1F Datasheet HTML 6Page - Renesas Technology Corp UPD166020T1F Datasheet HTML 7Page - Renesas Technology Corp UPD166020T1F Datasheet HTML 8Page - Renesas Technology Corp UPD166020T1F Datasheet HTML 9Page - Renesas Technology Corp UPD166020T1F Datasheet HTML 10Page - Renesas Technology Corp UPD166020T1F Datasheet HTML 11Page - Renesas Technology Corp UPD166020T1F Datasheet HTML 12Page - Renesas Technology Corp UPD166020T1F Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
μPD166020T1F
Chapter Title
R07DS0441EJ0100 Rev.1.00
Page 9 of 23
Aug 15, 2011
3.6.2 Short Circuit Protection
Case 1:IIN pin is shorted to ground in an overload condition, which includes a short circuit condition.
The device shuts down automatically when either or both of following conditions (a, b) is detected. The sense
current is fixed at IIS,fault. Shutdown is latched until the next reset via input.
(a) IL > IL(SC)
(b) Von > Von(OvL) after td(OC)
Case 1-(a) IL > IL(SC)
0
t
Short circuit detection
Depending on the external impedance
(Evaluation circuit)
IN
OUT
IS
: Cable impedance
tsdelay(fault): Fault sense signal delay after short circuit detection
IL(SC): Short circuit detection current
0
IIN
IIN
IIS
IL
IL
IL(SC)
VCC
VCC
VBAT
VIN
VIS
VOUT
VON
VOUT/VCC
VBAT
0
0
IIS
IIS,fault
tsdelay(fault)
RIS
RL
VOUT
Von
Typical Short circuit detection current characteristics
The short circuit detection current changes according VCC voltage and Von voltage for the purpose of to be strength of
the robustness under short circuit condition.
0
20
40
60
80
100
120
140
160
0
5
10
15
20
VCC
− VIN = 18 V
12 V
6 V
Von - Output Voltage - V
0
30
60
90
120
150
510
15
20
Von = 3 V
6 V
12 V
VCC
VIN - V


Similar Part No. - UPD166020T1F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16602 NEC-UPD16602 Datasheet
134Kb / 16P
   312-OUTPUT TFT-LCD FULL COLOR DRIVER
logo
Renesas Technology Corp
UPD16602 RENESAS-UPD16602 Datasheet
231Kb / 18P
   MOS INTEGRATED CIRCUIT
1998
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
UPD166021T1F-E1-AY RENESAS-UPD166021T1F-E1-AY Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
More results

Similar Description - UPD166020T1F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com