Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-1012 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-1012
Description  Fiber Optic Transmitter and Receiver for 50 MBaud MOST
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-1012 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-1012 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-1012 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-1012 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-1012 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-1012 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-1012 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-1012 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-1012 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-1012 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
AC Electrical Characteristics 45.158Mbaud (44.1kHz)
Parameter
Symbol
Min.
Typ.
Max.
Units
Output Rise Time @VCC_l [1,4,6]
tr_l
69
ns
Output Rise Time @VCC_h [1,4,6]
tr_h
59
ns
Output Fall Time @VCC_l [1,4,6]
tf_l
69
ns
Output Fall Time @VCC_h [1,4,6]
tf_h
59
ns
Output Pulse Width Variation 1UI [1,2,3,4,5]
tPWV
16.5
31
ns
Output Average Pulse Width Distortion [1,2,3,4]
tAPWD
-3.3
7
ns
Data Dependent Link Jitter [2,3,4]
tDDJ
3.3
ns
Uncorrelated Link Jitter [2,3,4]
tUJ
1.0
ns
Power-up time at detection of rising VCC
tPUO
0.1
6
ms
Power-up time from low power mode
tPU
0.5
6
ms
Low Power mode timer delay
tLPM
0.005
2
ms
Notes:
1. Maximum Capacitive Load is 10pF
2. MOST Data 44.1kHz FS corresponds to a 45MBaud data stream
3. The optical input signal has to fulfill following requirements: tPWV(min) = 20.0ns, tPWV(max) = 24.3ns; tAPWD(min) = -1.4ns and tAPWD(min) = 1.4ns,
tDDJ(max) = 0.77ns, tUJ(max) = 0.33ns, Positive Overshoot within 0UI…2/3UI = -20…40%, Extinction Ratio min = 10dB. Variations within those limits
do not change tPWV significantly.
4. Characterized with Avago Characterization Boards
5. Limits for 2UI are 38.6 … 53.1 and for 3UI they are 60.8 … 75.2ns.
6. Output Rise Time from 10% - 90%, Output Fall Time from 90% - 10%
AC Electrical Characteristics 49.152Mbaud (48kHz)
Parameter
Symbol
Min.
Typ.
Max.
Units
Output Rise Time @VCC_l [1,4,6]
tr_l
69
ns
Output Rise Time @VCC_h [1,4,6]
tr_h
59
ns
Output Fall Time @VCC_l [1,4,6]
tf_l
69
ns
Output Fall Time @VCC_h [1,4,6]
tf_h
59
ns
Output Pulse Width Variation 1UI [1,2,3,4,5]
tPWV
15.12
28.48
ns
Output Average Pulse Width Distortion [1,2,3,4]
tAPWD
-3
6.4
ns
Data Dependent Link Jitter [2,3,4]
tDDJ
3.0
ns
Uncorrelated Link Jitter [2,3,4]
tUJ
0.9
ns
Power-up time at detection of rising VCC
tPUO
0.1
6
ms
Power-up time from low power mode
tPU
0.5
6
ms
Low Power mode timer delay
tLPM
0.005
2
ms
Notes:
1. Maximum Capacitive Load is 10pF
2. MOST Data 48kHz FS corresponds to a 49.152MBaud data stream
3. The optical input signal has to fulfill following requirements: tPWV(min) = 18.37ns, tPWV(max) = 22.32ns; tAPWD(min) = -1.28ns and tAPWD(min) = 1.28ns,
tDDJ(max) = 0.71ns, tUJ(max) = 0.3ns, Positive Overshoot within 0UI…2/3UI = -20…40%, Extinction Ratio min = 10dB. Variations within those limits
do not change tPWV significantly.
4. Characterized with Avago Characterization Boards
5. Limits for 2UI are 35.47 … 48.825 and for 3UI they are 55.81 … 69.17ns.
6. Output Rise Time from 10% - 90%, Output Fall Time from 90% - 10%


Similar Part No. - AFBR-1012

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1013 AVAGO-AFBR-1013 Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-1013L AVAGO-AFBR-1013L Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-1013S AVAGO-AFBR-1013S Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
More results

Similar Description - AFBR-1012

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1013 AVAGO-AFBR-1013 Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-1153L AVAGO-AFBR-1153L Datasheet
224Kb / 5P
   Fiber Optic Transmitter and Receiver for 150 Mbit/s MOST
AFBR-1150L AVAGO-AFBR-1150L Datasheet
224Kb / 5P
   Fiber Optic Transmitter and Receiver for 150 Mbit/s MOST
logo
Sharp Corporation
GP1F562T SHARP-GP1F562T Datasheet
24Kb / 2P
   Fiber Optic Transmitter/Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-T524Z AVAGO-AFBR-T524Z Datasheet
257Kb / 7P
   50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
logo
Agilent(Hewlett-Packard...
HFBR-1312T HP-HFBR-1312T Datasheet
182Kb / 8P
   1300 nm Fiber Optic Transmitter and Receiver
logo
Infineon Technologies A...
SPFMIT302 INFINEON-SPFMIT302 Datasheet
603Kb / 12P
   Plastic Fiber Optic Transmitter including Bigfoot??IC for MOST
2003-Jan-15
SPFMIR302 INFINEON-SPFMIR302 Datasheet
537Kb / 10P
   Plastic Fiber Optic Receiver including Bigfoot??IC for MOST
2002-Dec-02
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com