Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A8300 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A8300
Description  2-A, 6-VRMS, RF, LDO Voltage Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A8300 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A8300 Datasheet HTML 5Page - Texas Instruments TPS7A8300 Datasheet HTML 6Page - Texas Instruments TPS7A8300 Datasheet HTML 7Page - Texas Instruments TPS7A8300 Datasheet HTML 8Page - Texas Instruments TPS7A8300 Datasheet HTML 9Page - Texas Instruments TPS7A8300 Datasheet HTML 10Page - Texas Instruments TPS7A8300 Datasheet HTML 11Page - Texas Instruments TPS7A8300 Datasheet HTML 12Page - Texas Instruments TPS7A8300 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
Bias Voltage (V)
-40°C
0°C
+25°C
+85°C
+125°C
C017
0
1
2
3
4
5
0
1
2
3
4
5
6
7
Input Voltage (V)
-40°C
0°C
+25°C
+85°C
+125°C
C018
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
Input Voltage (V)
-40°C
0°C
+25°C
+85°C
+125°C
C015
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
Bias Voltage (V)
-40°C
0°C
+25°C
+85°C
+125°C
C016
0
50
100
150
200
250
300
350
400
450
500
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Current (A)
-40°C
0°C
+25°C
+85°C
+125°C
C013
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
Input Voltage (V)
-40°C
0°C
+25°C
+85°C
+125°C
C014
TPS7A8300
www.ti.com
SBVS197C – MAY 2013 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, {1.1 V ≤ VIN < 1.4 V and 3.0 V ≤ VBIAS ≤ 6.5 V} or {VIN ≥ 1.4 V and VBIAS open}
(1), V
IN ≥ VOUT(TARGET) + 0.3 V,
VOUT(TARGET) = 0.8 V, OUT connected to 50 Ω to GND, VEN = 1.1 V, COUT = 22 μF, CNR/SS = 0 nF, CFF = 10 nF, and PG pin
pulled up to VIN with 100 kΩ, unless otherwise noted.
Figure 14. DROPOUT VOLTAGE vs OUTPUT CURRENT
Figure 15. DROPOUT VOLTAGE vs INPUT VOLTAGE
(VIN = 5.5 V, ANY-OUT, VBIAS = Open)
(IOUT = 0.5 A, ANY-OUT, VBIAS = Open)
Figure 16. DROPOUT VOLTAGE vs INPUT VOLTAGE
Figure 17. DROPOUT VOLTAGE vs BIAS VOLTAGE
(IOUT = 2 A, ANY-OUT, VBIAS = Open)
(IOUT = 0.5 A, ANY-OUT, VIN = 1.1 V)
Figure 18. DROPOUT VOLTAGE vs BIAS VOLTAGE
Figure 19. GROUND CURRENT vs INPUT VOLTAGE
(IOUT = 2 A, ANY-OUT, VIN = 1.1 V)
(VOUT(TARGET) = 0.8 V, ANY-OUT, IOUT = 5 mA, VBIAS = Open)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS7A8300


Similar Part No. - TPS7A8300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8300ARGRR TI1-TPS7A8300ARGRR Datasheet
2Mb / 46P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A8300ARGRR TI1-TPS7A8300ARGRR Datasheet
3Mb / 49P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A8300ARGRR TI-TPS7A8300ARGRR Datasheet
5Mb / 60P
[Old version datasheet]   TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
TPS7A8300ARGRR TI-TPS7A8300ARGRR Datasheet
5Mb / 60P
[Old version datasheet]   TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
TPS7A8300ARGRT TI1-TPS7A8300ARGRT Datasheet
2Mb / 46P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
More results

Similar Description - TPS7A8300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A52 TI1-TPS7A52 Datasheet
486Kb / 28P
[Old version datasheet]   TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A83A TI-TPS7A83A_V01 Datasheet
5Mb / 60P
[Old version datasheet]   TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
TPS7A83A TI-TPS7A83A Datasheet
5Mb / 60P
[Old version datasheet]   TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com