Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3416 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3416
Description  T-1 3/4 (5mm) High Intensity LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3416 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3416 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Notes:
1. q1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength, ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of
the device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the
luminous efficacy in lumens/watt.
Electrical Characteristics at TA = 25°C
Device
Symbol
Description
HLMP-
Min.
Typ.
Max.
Units
Test Conditions
IV
Luminous Intensity
3316
22
60.0
mcd
IF = 10 mA (Figure 3)
3416
14.7
50.0
mcd
IF = 10 mA (Figure 8)
3519
10.6
70.0
mcd
IF = 10 mA (Figure 13)
2q1/2
Including Angle Between Half
3316
35
Deg.
IF = 10 mA
Luminous Intensity Points
See Note 1 (Figure 6)
3416
35
Deg.
IF = 10 mA
See Note 1 (Figure 11)
3519
24
Deg.
IF = 10 mA
See Note 1 (Figure 16)
lPEAK
Peak Wavelength
331X
635
nm
Measurement at Peak
341X
583
(Figure 1)
351X
565
Dl1/2
Spectral Line Halfwidth
331X
40
nm
341X
36
351X
28
ld
Dominant Wavelength
331X
626
nm
See Note 2 (Figure 1)
341X
585
351X
569
ts
Speed of Response
331X
90
ns
341X
90
351X
500
C
Capacitance
331X
11
pF
VF = 0; f = 1 MHz
341X
15
351X
18
RqJ-PIN
Thermal Resistance
331X
260
°C/W
Junction to Cathode
341X
Lead
351X
VF
Forward Voltage
331X
1.9
2.4
V
IF = 10 mA (Figure 2)
341X
2.0
2.4
IF = 10 mA (Figure 7)
351X
2.1
2.7
IF = 10 mA (Figure 12)
VR
Reverse Breakdown Volt.
All
5.0
V
IR = 100 µA
hV
Luminous Efficacy
331X
145
lumens
See Note 3
341X
500
Watt
351X
595


Similar Part No. - HLMP-3416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3416 HP-HLMP-3416 Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-3416-G00XX HP-HLMP-3416-G00XX Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-3416-IJ0XX HP-HLMP-3416-IJ0XX Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
More results

Similar Description - HLMP-3416

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBGC ROITHNER-383-2UBGC Datasheet
214Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-2 ROITHNER-383URC-2 Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com