Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-1401 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-1401
Description  T-1 3mm Diffused LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1401 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-1401 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-1401 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
T-1 Green/Emerald Green Diffused Lamps
Figure 13. Relative luminous intensity vs.
forward current
Figure 12. Forward current vs. forward voltage
characteristics
Figure 14. Relative efficiency (luminous intensi-
ty per unit vurrent) vs. peak LED current
Figure 15. Maximum tolerable peak current vs.
pulse duration. (IDC MAX as per MAX ratings)
Figure 16. Relative luminous intensity vs. angular displacement


Similar Part No. - HLMP-1401

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1401 HP-HLMP-1401 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1401 HP-HLMP-1401 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1401 BOARDCOM-HLMP-1401 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1401-D0000 HP-HLMP-1401-D0000 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1401-D0001 HP-HLMP-1401-D0001 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
More results

Similar Description - HLMP-1401

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-NS31 AVAGO-HLMP-NS31 Datasheet
219Kb / 6P
   T-1 (3mm) InGaN LED Lamps
logo
Kingbright Corporation
L-424 KINGBRIGHT-L-424 Datasheet
186Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMPS
L-483 KINGBRIGHT-L-483 Datasheet
793Kb / 5P
   T-1 (3mm) CYLINDRICAL LED LAMPS
L-1334 KINGBRIGHT-L-1334 Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMPY601 AVAGO-HLMPY601 Datasheet
70Kb / 3P
   T-1 (3mm) AlInGaP LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
logo
Kingbright Corporation
L934LID KINGBRIGHT-L934LID Datasheet
149Kb / 5P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L-934L KINGBRIGHT-L-934L Datasheet
143Kb / 5P
   T-1 (3mm) LOW CURRENT LED LAMPS
L934SGC KINGBRIGHT-L934SGC Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com