Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16332 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 16332
Description  Power Distribution & Terminal Blocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

16332 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  16332 Datasheet HTML 1Page - Cooper Bussmann, Inc. 16332 Datasheet HTML 2Page - Cooper Bussmann, Inc. 16332 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Distribution & Terminal Blocks
PDB
Splicer Terminal Blocks
600Vac/dc
Catalog Symbol: Splicer Terminal Blocks
Voltage Rating: 600Vac/dc maximum
SCCR: 10kA (except for select products noted)
Agency Information:
UL Recognized, Guide XCFR2, File E221592
CSA Certified, Class 6228-01, File 15364
Picture shown:
3-Pole - 1 opening on line per phase
1 opening on load per phase
Power Distribution Blocks (600V) Catalog Data
Connector
Catalog
Connection
Material and
Number
1-Pole
2-Pole
3-Pole
4-Pole
Line
Load
Ampacity
16000
NA
-2
-3
-4
2/0 - #8CU-AL
2/0 - #8CU-AL
AL-175A
16003
NA
-2
-3
-4
250kcmil - #6CU Only
250kcmil - #6CU Only
CU-255A
16005
NA
-2
-3
-4
350kcmil - #6CU-AL
350kcmil - #6CU-AL
AL-310A
16200
-1
-2
-3
NA
#2 - #14CU, #2 - #8AL
#2 - #14CU, #2 - #8AL
AL-115A
16201
-1
-2
-3
NA
1/0 - #14CU Only
1/0 - #14CU Only
CU-150A
16204*
-1
-2
-3
NA
2/0 - #8CU-AL
2/0 - #8CU-AL
AL-175A
16301
-1
-2
-3
NA
250kcmil - #6CU Only
250kcmil - #6CU Only
CU-255A
16303
-1
-2
-3
NA
350kcmil - #6CU-AL
350kcmil - #6CU-AL
AL-310A
16306
-1
-2
-3
NA
(1)500kcmil - #6CU-AL
(1)500kcmil - #6CU-AL
AL-380A
16500
-1
-2
-3
NA
(2) 350kcmil - #4CU-AL
(2) 350kcmil - #4CU-AL
AL-620A
16504
-1
-2
-3
NA
(2) 500kcmil - #6CU-AL
(2) 500kcmil - #6CU-AL
AL-760A
*SCCR up to 200kA. See additional information on data sheet #1049.
Dimensional information on page 3
Optional covers:
160 Series: CPB160 - (pole)
162 Series: CPB162 - (pole)
163 Series: CPDB - (pole)
165 Series: CPDB165 (1 for each pole)
1011 SB004093
Page 2 of 3
Data Sheet 1117


Similar Part No. - 16332

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
163320 FESTO-163320 Datasheet
96Kb / 2P
   ISO cylinder
logo
Turck, Inc.
1633200 TURCK-1633200 Datasheet
1Mb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
logo
Festo Corporation.
163321 FESTO-163321 Datasheet
96Kb / 2P
   ISO cylinder
logo
TE Connectivity Ltd
1633216-2 TEC-1633216-2 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
1633216-3 TEC-1633216-3 Datasheet
3Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 16332

ManufacturerPart #DatasheetDescription
logo
ABB
1SNA356103R0400 ABB-1SNA356103R0400 Datasheet
54Kb / 3P
   DBTI Distribution Terminal Blocks
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16021-4 COOPER-16021-4 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
logo
Altech corporation
38680 ALTECH-38680 Datasheet
1Mb / 3P
   UL1953 Power Distribution Blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Altech corporation
38049 ALTECH-38049 Datasheet
120Kb / 2P
   ONE PHASE POWER DISTRIBUTION BLOCKS
logo
Cooper Bussmann, Inc.
CPB162 COOPER-CPB162 Datasheet
95Kb / 2P
   Connector/Stud Power Distribution Blocks
11675-2 COOPER-11675-2 Datasheet
126Kb / 2P
   Quick-Connect Power Distribution Blocks
logo
Altech corporation
38075 ALTECH-38075 Datasheet
34Kb / 1P
   THREE PHASE POWER DISTRIBUTION BLOCKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com