Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEMCMDQ24 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MEMCMDQ24
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MEMCMDQ24 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MEMCMDQ24 Datasheet HTML 2Page - Freescale Semiconductor, Inc MEMCMDQ24 Datasheet HTML 3Page - Freescale Semiconductor, Inc MEMCMDQ24 Datasheet HTML 4Page - Freescale Semiconductor, Inc MEMCMDQ24 Datasheet HTML 5Page - Freescale Semiconductor, Inc MEMCMDQ24 Datasheet HTML 6Page - Freescale Semiconductor, Inc MEMCMDQ24 Datasheet HTML 7Page - Freescale Semiconductor, Inc MEMCMDQ24 Datasheet HTML 8Page - Freescale Semiconductor, Inc MEMCMDQ24 Datasheet HTML 9Page - Freescale Semiconductor, Inc MEMCMDQ24 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
6
Freescale Semiconductor
Electrical Characteristics
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8323E. The MPC8323E is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings1
Characteristic
Symbol
Max Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.26
V
PLL supply voltage
AVDDn
–0.3 to 1.26
V
DDR1 and DDR2 DRAM I/O voltage
GVDD
–0.3 to 2.75
–0.3 to 1.98
V—
PCI, local bus, DUART, system control and power management, I2C,
SPI, MII, RMII, MII management, and JTAG I/O voltage
OVDD
–0.3 to 3.6
V
Input voltage
DDR1/DDR2 DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
2
DDR1/DDR2 DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
2
Local bus, DUART, CLKIN, system
control and power management,
I2C, SPI, and JTAG signals
OVIN
–0.3 to (OVDD + 0.3)
V
3
PCI
OVIN
–0.3 to (OVDD + 0.3)
V
5
Storage temperature range
TSTG
–55 to 150
°C—
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during
power-on reset and power-down sequences.
3. Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during
power-on reset and power-down sequences.


Similar Part No. - MEMCMDQ24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEM1005PP TDK-MEM1005PP Datasheet
159Kb / 4P
   3-terminal filters Signal line MEM series
logo
RFE international
MEM104J1J050B250S RFE-MEM104J1J050B250S Datasheet
86Kb / 2P
   METALIZED POLYESTER FILM CAPACITORS MEM Series: Stacked Film, Minature
logo
TDK Electronics
MEM1608D TDK-MEM1608D Datasheet
168Kb / 4P
   3-terminal filters High-speed signal line MEM-D series
MEM1608D201R TDK-MEM1608D201R Datasheet
60Kb / 3P
   3-terminal Filters For high-speed signal line
MEM1608D201RT001 TDK-MEM1608D201RT001 Datasheet
168Kb / 3P
   3-terminal Filters
More results

Similar Description - MEMCMDQ24

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321VRADDC FREESCALE-MPC8321VRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321CZQAFDC FREESCALE-MPC8321CZQAFDC Datasheet
1Mb / 82P
   MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com