Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC100B150JT500XT Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # ATC100B150JT500XT
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC100B150JT500XT Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  ATC100B150JT500XT Datasheet HTML 1Page - Freescale Semiconductor, Inc ATC100B150JT500XT Datasheet HTML 2Page - Freescale Semiconductor, Inc ATC100B150JT500XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC100B150JT500XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC100B150JT500XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC100B150JT500XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC100B150JT500XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC100B150JT500XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC100B150JT500XT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
Figure 2. MRFE6VP61K25HR6(HSR6) 230 MHz Production Test Circuit Component Layout — Pulse
--
--
C10
C11 C12
C13
R1
C1
C2
C3
C4
L1
C5
L2
R2
C9
C7 C8
C6
COAX2
COAX1
COAX4
COAX3
C14
C22
C23
C24
C21
L3
C15
C16
C17
C18
C19
C20
C26
C27
C28
L4
MRFE6VP61K25H
Rev. 3
C25
Table 6. MRFE6VP61K25HR6(HSR6) 230 MHz Production Test Circuit Component Designations and Values — Pulse
Part
Description
Part Number
Manufacturer
C1
20 pF Chip Capacitor
ATC100B200JT500XT
ATC
C2, C3, C5
27 pF Chip Capacitors
ATC100B270JT500XT
ATC
C4
0.8--8.0 pF Variable Capacitor, Gigatrim
27291SL
Johanson
C6, C10
22 F, 35 V Tantalum Capacitors
T491X226K035AT
Kemet
C7, C11
0.1 F Chip Capacitors
CDR33BX104AKYS
AVX
C8, C12
220 nF Chip Capacitors
C1812C224K5RACTU
Kemet
C9, C13, C21, C25
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C14
43 pF Chip Capacitor
ATC100B430JT500XT
ATC
C15
75 pF Metal Mica
MIN02--002EC750J--F
CDE
C16, C17, C18, C19
240 pF Chip Capacitors
ATC100B241JT200XT
ATC
C20
6.2 pF Chip Capacitor
ATC100B6R2BT500XT
ATC
C22, C23, C24, C26, C27, C28
470 F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
Coax1, 2, 3, 4
25  Semi Rigid Coax, 2.2 Shield Length
UT--141C--25
Micro--Coax
L1, L2
5 nH Inductors
A02TKLC
Coilcraft
L3, L4
6.6 nH Inductors
GA3093--ALC
Coilcraft
R1, R2
10  Chip Resistors
CRCW120610R0JNEA
Vishay
PCB
0.030, r =2.55
AD255A
Arlon


Similar Part No. - ATC100B150JT500XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
ATC100B150JT500XT FREESCALE-ATC100B150JT500XT Datasheet
574Kb / 15P
   RF Power Field Effect Transistor
ATC100B150JT500XT FREESCALE-ATC100B150JT500XT Datasheet
948Kb / 19P
   RF Power LDMOS Transistors
ATC100B150JT500XT FREESCALE-ATC100B150JT500XT Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
ATC100B150JT500XT NXP-ATC100B150JT500XT Datasheet
807Kb / 15P
   RF Power Field Effect Transistors
Rev. 2, 3/2011
ATC100B150JT500XT NXP-ATC100B150JT500XT Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
More results

Similar Description - ATC100B150JT500XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF6VP3091N FREESCALE-MRF6VP3091N Datasheet
1Mb / 20P
   RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
   RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MP075N NXP-AFT05MP075N Datasheet
1Mb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2014
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com