Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KST4403 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KST4403
Description  Switching Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KST4403 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KST4403 Datasheet HTML 1Page - Fairchild Semiconductor KST4403 Datasheet HTML 2Page - Fairchild Semiconductor KST4403 Datasheet HTML 3Page - Fairchild Semiconductor KST4403 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, November 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-40
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-600
mA
PC
Collector Power Dissipation
350
mW
TSTG
Storage Temperature
150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC= -0.1mA, IE=0
-40
V
BVCEO
* Collector-Emitter Breakdown Voltage
IC= -1.0mA, IB=0
-40
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -0.1mA, IC=0
-5
V
IBEV
Base Cut-off Current
VCE= -35V, VBE= -0.4V
-0.1
µA
ICEX
Collector Cut-off Current
VCE= -35V, VBE= -0.4V
-0.1
µA
hFE
DC Current Gain
VCE= -1V, IC= -0.1mA
VCE= -1V, IC= -1.0mA
VCE= -1V, IC= -10mA
*VCE= -2V, IC= -150mA
*VCE= -2V, IC= -500mA
30
60
100
100
20
300
VCE (sat)
* Collector-Emitter Saturation Voltage
IC= -150mA, IB= -15mA
IC= -500mA, IB= -50mA
-0.4
-0.75
V
V
VBE (sat)
* Base-Emitter Saturation Voltage
IC= -150mA, IB= -15mA
IC= -500mA, IB= -50mA
-0.75
-0.95
-1.3
V
V
fT
Current Gain Bandwidth Product
IC= -20mA, VCE= -10V
f=100MHz
200
MHz
Cob
Output Capacitance
VCB= -10V, IE=0
f=140KHz
8.5
pF
tON
Turn On Time
VCC= -30V, VBE= -2V
IC= -150mA, IB1= -15mA
35
ns
tOFF
Turn Off Time
VCC= -30V, IC= -150mA
IB1=IB2= -15mA
255
ns
KST4403
Switching Transistor
2T
Marking
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3


Similar Part No. - KST4403

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KST4401 FAIRCHILD-KST4401 Datasheet
55Kb / 4P
   Switching Transistor
More results

Similar Description - KST4403

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
   Switching transistor
logo
Guangdong Kexin Industr...
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
   Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
   Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
   Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
   Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
   Switching Transistor
October, 2010 -- Rev. 2
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
   Switching Transistor
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
   Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
   SWITCHING TRANSISTOR
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
   SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com