Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC1803 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRFIC1803
Description  1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1803 Datasheet(HTML) 5 Page - Motorola, Inc

  MRFIC1803 Datasheet HTML 1Page - Motorola, Inc MRFIC1803 Datasheet HTML 2Page - Motorola, Inc MRFIC1803 Datasheet HTML 3Page - Motorola, Inc MRFIC1803 Datasheet HTML 4Page - Motorola, Inc MRFIC1803 Datasheet HTML 5Page - Motorola, Inc MRFIC1803 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MRFIC1803
MOTOROLA RF DEVICE DATA
Frequency (MHz)
RF Output
LO Input
LO Output
1500
22.07 –j11.36
41.98 +j22.31
20.09 +j31.15
1550
21.74 –j4.69
50.60 +j9.80
26.39 +j40.79
1600
22.28 +j2.16
41.93 –j0.07
37.63 +j52.47
1650
24.01 +j8.25
32.74 +j3.32
56.16 +j63.47
1700
26.64 +J14.13
28.78 +j11.39
87.97 +j67.31
1750
30.83 +j20.11
28.98 +j21.04
131.33 +j40.34
1800
36.39 +j25.30
32.13 +j30.26
137.85 –j16.48
1850
43.92 +j29.26
37.68 +j40.38
103.88 –j50.81
1900
54.37 +j30.98
48.31 +j54.15
69.58 –j53.97
1950
65.34 +j28.57
68.80 +j70.87
50.13 –j46.24
2000
75.30 +j21.12
118.18 +j86.46
38.97 –j36.86
2050
81.19 +j8.43
220.83 +j17.19
32.08 –j27.58
2100
80.22 –j4.24
148.91 –j120.77
28.43 –j19.86
2150
74.20 –j14.00
58.50 –j105.11
26.56 –j12.82
2200
65.50 –j19.72
27.23 –j71.51
26.03 –j5.89
2250
57.40 –j21.38
17.22 –j50.26
26.73 –j0.03
2300
50.59 –j20.61
13.00 –j35.19
28.46 +j5.10
2350
44.53 –j18.16
10.95 –j22.96
30.88 +j9.86
2400
40.24 –j14.78
10.23 –j13.58
33.75 +j13.92
2450
37.73 –j10.54
10.20 –j5.32
37.50 +j17.32
2500
36.38 –j6.72
10.62 +j2.90
42.00 +j20.34
Table 1. Selected Device Impedances
DESIGN AND APPLICATIONS INFORMATION
The MRFIC1803 combines a single–balanced FET mix-
er with an LO pre–amp and an exciter amplifier to form a
self–contained upconverter. The device is usable from RF
frequencies of 1.7 to 2.5 GHz and at IF frequencies of 70
to 325 MHz. The design is optimized for low side injection
in hetrodyne transmitter applications. In the upconversion
process, modulation is imparted to an IF carrier which is
converted to the RF transmit frequency by a mixer. By DC
coupling the IF input, the device can be used for simple
on–off keying (OOK) or bi–phase shift keying (BPSK) ap-
plications with no IF.
The MRFIC1803 design minimizes the need for off–chip
components. An active balun is employed at the IF input
and provides an excellent broadband 50
W match over the
full range of IF frequencies. The LO quadrature divider is
passive and internal to the device. The LO buffer amplifier
is equipped with a diversity switch which switches the am-
plified LO signal to the LO output pin during RECEIVE
mode. The –5 dBm LO output is the appropriate level to
drive the MRFIC1804 for 1.8 GHz applications or the
MRFIC2401 for 2.4 GHz applications.
As shown in Figure 1, the device is easy to use with
minimal off–chip components. More or less bypassing of
the control and supply lines may be required depending
on board layout and shielding. Careful layout of the RF
frequency portions of the board is critical to successful
implementation. Controlled impedance lines must be used
and any off–chip components must be mounted as close to
the IC as possible. The applications circuit was used to
gather the information displayed in the typical characteris-
tics curves. Since the MRFIC1803 design was optimized
for the 1.7 to 1.9 GHz frequency range, improved perfor-
mance can be had with some off–chip matching at fre-
quencies outside this range. In particular, matching of the
LO port will supply higher LO drive and improve conver-
sion gain. At the RF output, either better gain or better 1dB
compression can be had with external matching.
Filtering is generally required in the upconversion pro-
cess to reduce image and LO radiation. To minimize pin
count, this filtering is accomplished external to the device
at the exciter output. For the frequency ranges of applica-
tion, two and three pole ceramic surface filters are avail-
able at reasonable cost and with less than 2 dB of loss.
EVALUATION BOARDS
Evaluation boards are available for RF Monolithic Inte-
grated Circuits by adding a “TF” suffix to the device type.
For a complete list of currently available boards and ones
in development for newly introduced product, please con-
tact your local Motorola Distributor or Sales Office.


Similar Part No. - MRFIC1803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
   1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
   2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2404 MOTOROLA-MRFIC2404 Datasheet
79Kb / 6P
   2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
   1.9 GHz UPMIXER AND EXCITER AMPLIFIER
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
   1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Hittite Microwave Corpo...
HMC622LP4 HITTITE-HMC622LP4 Datasheet
327Kb / 10P
   GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz
logo
Motorola, Inc
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com