Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEMCMDQ2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MEMCMDQ2
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MEMCMDQ2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MEMCMDQ2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MEMCMDQ2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MEMCMDQ2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MEMCMDQ2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MEMCMDQ2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MEMCMDQ2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MEMCMDQ2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MEMCMDQ2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MEMCMDQ2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
Freescale Semiconductor
7
Electrical Characteristics
2.1.2
Power Supply Voltage Specification
Table 2 provides the recommended operating conditions for the MPC8323E. Note that these values are the
recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8323E
Figure 2. Overshoot/Undershoot Voltage for GVDD/OVDD
Table 2. Recommended Operating Conditions3
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
VDD
1.0 V ± 50 mV
V
1
PLL supply voltage
AVDD
1.0 V ± 50 mV
V
1
DDR1 and DDR2 DRAM I/O voltage
GVDD
2.5 V ± 125 mV
1.8 V ± 90 mV
V1
PCI, local bus, DUART, system control and power management,
I2C, SPI, and JTAG I/O voltage
OVDD
3.3 V ± 300 mV
V
1
Junction temperature
TA/TJ
0 to 105
°C2
Note:
1. GVDD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative
direction.
2. Minimum temperature is specified with TA; maximum temperature is specified with TJ.
3. All IO pins should be interfaced with peripherals operating at same voltage level.
4. This voltage is the input to the filter discussed in Section 24.2, “PLL Power Supply Filtering” and not necessarily the voltage
at the AVDD pin, which may be reduced due to voltage drop across the filter.
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/OVDD + 20%
G/OVDD
G/OVDD + 5%
of tinterface
1
1. tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:


Similar Part No. - MEMCMDQ2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEM1005PP TDK-MEM1005PP Datasheet
159Kb / 4P
   3-terminal filters Signal line MEM series
logo
RFE international
MEM104J1J050B250S RFE-MEM104J1J050B250S Datasheet
86Kb / 2P
   METALIZED POLYESTER FILM CAPACITORS MEM Series: Stacked Film, Minature
logo
TDK Electronics
MEM1608D TDK-MEM1608D Datasheet
168Kb / 4P
   3-terminal filters High-speed signal line MEM-D series
MEM1608D201R TDK-MEM1608D201R Datasheet
60Kb / 3P
   3-terminal Filters For high-speed signal line
MEM1608D201RT001 TDK-MEM1608D201RT001 Datasheet
168Kb / 3P
   3-terminal Filters
More results

Similar Description - MEMCMDQ2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321VRADDC FREESCALE-MPC8321VRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321CZQAFDC FREESCALE-MPC8321CZQAFDC Datasheet
1Mb / 82P
   MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com