Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-C3L3 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-C3L3
Description  0.36 Single Digit PCB Based LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-C3L3 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-C3L3 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3L3 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3L3 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3L3 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3L3 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3L3 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3L3 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3L3 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3L3 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Red
Figure 1. Relative Luminous Intensity Vs Forward Current
Figure 2. Forward Voltage Vs Current
Figure 3. Relative Luminous Intensity Vs Wavelength
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
30
DC FORWARD CURRENT - mA
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
FORWARD VOLTAGE - V
0
0.2
0.4
0.6
0.8
1
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm


Similar Part No. - HDSP-C3L3

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-C3L3 AVAGO-HDSP-C3L3 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-C3L3 AVAGO-HDSP-C3L3 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
More results

Similar Description - HDSP-C3L3

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H3E1 AVAGO-ADSP-H3E1 Datasheet
199Kb / 10P
   0.36??Single Digit PCB Based LED Display
HEDS-9700 AVAGO-HEDS-9700 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-H3X1 AVAGO-HDSP-H3X1 Datasheet
301Kb / 8P
   0.36" Single Digit PCB Based LED Display
HDSP-C3X1 AVAGO-HDSP-C3X1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
BRIGHT LED ELECTRONICS ...
BS-A322RD BRIGHT-BS-A322RD Datasheet
186Kb / 4P
   0.36(9.10MM)single DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LSD315-63V-XX-PF LIGITEK-LSD315-63V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H5E1 AVAGO-ADSP-H5E1 Datasheet
199Kb / 10P
   0.52??Single Digit PCB Based LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com