Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX233CAG4B Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCIMX233CAG4B
Description  i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX233CAG4B Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCIMX233CAG4B Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX233CAG4B Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Consumer and Industrial/General Embedded Market
i.MX233 Applications Processor
32-bit Embedded Microprocessor – ARM®
Overview
The i.MX233 applications processor extends
Freescale’s ARM9 portfolio and introduces
several unique features such as power
management, analog audio, 12-bit ADC’s and
a touch screen controller that allows customers
to eliminate external components, reducing
their overall system bill of materials cost. The
i.MX233 integrates industry-leading power
management technology to manage the power
sequencing required by the processor itself
and supplies power to other components in
the system, such as external memories, from
a single Li-Ion battery. Additionally, analog
audio features such as the stereo ADC/DAC
and amplifiers, plus a mono speaker amplifier
provide a complete solution in a single device
for multimedia applications. Furthermore, many
consumer applications require a rich graphical
user interface which is supported with the LCD
touch screen controller and basic hardware
graphics acceleration with the pixel pipeline
processor.
The i.MX233 is offered in two packages to
provide more tailored options for the various
target applications. The 169 BGA package
provides access to all of the features of the
i.MX233. The 128 LQFP package provides
a subset of these features in order to fit into
the smaller pin count package. This smaller
package option is ideal for cost-sensitive entry
level applications that use small displays, don't
require touchscreen user interface and have
manufacturing restrictions (number of board
layers). The feature differences are shown in the
block diagram and table.
Target applications
• PortableMediaPlayers
• PortableNavigationDevices
• HomeAppliances
• GraphicalRemoteControls
• HomeAutomation
• eBooks
• DigitalPictureFrames
• Audioperipheralsandaccessories
• VoIPHandsets
• Simplehumanmachineinterface(HMI)
panels for industrial applications
Key Features
CPU
• ARM926EJ-S™runsupto454MHz
• 16KBI&DL1Cache
Power Management
• IntegratedDC-DCconverterwithmultiple
channel outputs
• SupportsLi-Ionbatteries
• Directpowerfrom5Vsource(USB,wall
power or other source)
• Batterychargingcapability
• On-chipsiliconspeedandtempsensors
Connectivity
• High-SpeedUSBHost/Devicewith
integratedPHY
• UART
• Serialperipheralinterfaces(SPI)
• 12-bitLow-ResolutionADC(LRADC)
• 3.3VgeneralpurposeI/O
Multimedia and Graphics Processing
• Displaycontrolleroptimizedforupto
24-bit-per-pixelVGA(640x480)resolution
• Pixelprocessingpipeline(PXP)tohandle
post display frame pre-processing in
hardware with minimal memory overhead
• TVEncoderand10-bitVideoDACout
Memory
• Internal32KBSRAM
• SupportforexternalDDR1,mDDR
• SupportforexternalNANDwithhardware
errorcorrection(20-bitBCHor8-bit
ReedSolomon)
• SupportforexternalmanagedNANDs
viaSDIO
Audio
• StereoanalogaudioADC/DAC
• Stereoheadphoneamplifier
• 1.5Wmonospeakeramplifieroutput
• S/PDIFdigitaloutput
• SerialAudioInterface(I2S)
Benefits
CPU Performance and Low Power
454MHzARM9CPUwithampleheadroom
for many consumer and embedded
applications without sacrificing battery life.
For plugged in “always on” devices, the low
power consumption of the i.MX233
can improve energy efficiency.
Simplified Development
The integration of mixed-signal analog such
as power management, analog audio and
A/D channels reduces system complexity
and speeds time-to-market. In addition, an
imageprocessingunitsupporting24-bitVGA
displays is integrated to provide rich user
interfaces.Withawiderangeofconnectivity
options,suchasUART,SDIO,USBandI2C,
the i.MX233 processor provides the ability to
connect wirelessly to other devices, through
the use of off-chip Bluetooth,Wi-Fiandother
wireless protocols.


Similar Part No. - MCIMX233CAG4B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX233CAG4B FREESCALE-MCIMX233CAG4B Datasheet
9Mb / 1612P
   i.MX23 Applications Processor Reference Manual
More results

Similar Description - MCIMX233CAG4B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
   ARM Based 32-Bit Microprocessor
logo
Intel Corporation
A80960JD-66 INTEL-A80960JD-66 Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
825Kb / 77P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
ATMEL Corporation
SAM9G25 ATMEL-SAM9G25_14 Datasheet
3Mb / 1167P
   Atmel | SMART ARM-based Embedded Microprocessor
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com