Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4300E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4300E
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4300E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4300E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4300E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4300E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Recommended Pb-Free IR Profile
Solder Reflow Temperature Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160
°C
140
°C
150
°C
PEAK
TEMP.
245
°C
PEAK
TEMP.
240
°C
PEAK
TEMP.
230
°C
SOLDERING
TIME
200
°C
PREHEATING TIME
150
°C, 90 + 30 SEC.
2.5 C ± 0.5
°C/SEC.
3
°C + 1 °C/–0.5 °C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3
°C + 1 °C/–0.5 °C/SEC.
REFLOW HEATING RATE 2.5
°C ± 0.5 °C/SEC.
NOTE: NON-HALIDE FLUX SHOULD BE USED.
217
°C
RAMP-DOWN
6
°C/SEC. MAX.
RAMP-UP
3
°C/SEC. MAX.
150 - 200
°C
* 260 +0/-5
°C
t 25
°C to PEAK
60 to 150 SEC.
15 SEC.
TIME WITHIN 5
°C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25
°C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
NOTE: NON-HALIDE FLUX SHOULD BE USED.
* RECOMMENDED PEAK TEMPERATURE FOR WIDEBODY 400mils PACKAGE IS 245
°C


Similar Part No. - HCPL-4300E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4100 HP-HCPL-4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-000E AVAGO-HCPL-4100-000E Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-300E AVAGO-HCPL-4100-300E Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
More results

Similar Description - HCPL-4300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com