Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5300 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5300
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5300 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5300 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
Package Outline Drawings
HCPL-J456 Outline Drawing
HCPL-J456 Gull Wing Surface Mount Option 300 Outline Drawing
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
5° TYP.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
9.80 ± 0.25
(0.386 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXXZ
YYWW
DATE CODE
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
OPTION CODE*
UL
RECOGNITION
UR
TYPE NUMBER
* MARKING CODE LETTER FOR OPTION NUMBERS
"L" = OPTION 020
"V" = OPTION 060
OPTION NUMBERS 300 AND 500 NOT MARKED.
NOTE: FLOATING LEAD PROTRUSION IS 0.5 mm (20 mils) MAX.
3.56 ± 0.13
(0.140 ± 0.005)
0.635 ± 0.25
(0.025 ± 0.010)
12° NOM.
9.65 ± 0.25
(0.380 ± 0.010)
0.635 ± 0.130
(0.025 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
9.80 ± 0.25
(0.386 ± 0.010)
6.350 ± 0.25
(0.250 ± 0.010)
1.016 (0.040)
1.27 (0.050)
10.9 (0.430)
2.0 (0.080)
LAND PATTERN RECOMMENDATION
1.080 ± 0.320
(0.043 ± 0.013)
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
NOTE: FLOATING LEAD PROTRUSION IS 0.5 mm (20 mils) MAX.
3.56 ± 0.13
(0.140 ± 0.005)


Similar Part No. - HCPL-5300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300-100 HP-HCPL-5300-100 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

Similar Description - HCPL-5300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com