Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMS-2923 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2923
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2923 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2923 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-2923 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2923 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2923 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2923 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2923 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2923 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2923 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2923 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Electrical Description
Pin Function
Description
RESET (RST) 
Sets Control Register bits to logic low. The Dot Register contents are unaffected by 
the Reset pin. (logic low = reset; logic high = normal operation).
DATA IN (DIN) 
Serial Data input for Dot or Control Register data. Data is entered on the rising edge 
of the Clock input.
DATA OUT (DOUT) 
Serial Data output for Dot or Control Register data. This pin is used for cascading 
multiple displays.
CLOCK (CLK) 
Clock input for writing Dot or Control Register data. When Chip Enable is logic low, 
data is entered on the rising Clock edge.
REGISTER SELECT (RS) 
Selects Dot Register (RS = logic low) or Control Register (RS = logic high) as the  des-
tination for serial data entry. The logic level of RS is latched on the falling edge of the 
Chip Enable input.
CHIP ENABLE (CE) 
This input must be a logic low to write data to the display. When CE returns to logic 
high and CLK is logic low, data is latched to either the LED output drivers or a Control 
Register.
OSCILLATOR SELECT (SEL) 
Selects either an internal or external display oscillator source. (logic low = External 
Display Oscillator; logic high = Internal Display Oscillator).
OSCILLATOR (OSC) 
Output for the Internal Display Oscillator (SEL = logic high) or input for an External 
Display Oscillator (SEL = logic low).
BLANK (BL) 
Blanks the display when logic high. May be modulated for brightness control.
GNDLED
Ground for LED drivers.
GNDLOGIC
Ground for logic.
VLED  
Positive supply for LED drivers.
VLOGIC  
Positive supply for logic.
Optical Characteristics at 25°C[1]
VLED = 5.0 V, 50% Peak Current, 100% Pulse Width
Peak
Dominant
Luminous Intensity per LED[2]
Wavelength
Wavelength
Character Average (µcd)
lPeak (nm)
ld[3] (nm)
Display Color
Part Number
Min.
Typ.
Typ.
Typ.
AlGaAs Red  
HCMS-29X5 
95 
230 
645 
637
High Efficiency Red 
HCMS-29X2 
29 
64 
635 
626
Orange 
HCMS-29X4 
29 
64 
600 
602
Yellow 
HCMS-29X1 
29 
64 
583 
585
Green 
HCMS-29X3 
57 
114 
568 
574
Notes:
1.  Refers to the initial case temperature of the device immediately prior to measurement.
2.  Measured with all LEDs illuminated.
3.  Dominant wavelength, ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the perceived 
LED color. 


Similar Part No. - HCMS-2923

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2923 HP-HCMS-2923 Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2923 AVAGO-HCMS-2923 Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-2923 HP-HCMS-2923 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2923 BOARDCOM-HCMS-2923 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2923

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com