Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMS-2924 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2924
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2924 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2924 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
HCMS-29xx Write Cycle Diagram
NOTE:
1. DATA IS COPIED TO THE CONTROL REGISTER OR THE DOT LATCH AND LED OUTPUTS WHEN CE IS HIGH AND CLK IS LOW.
TRSS
RSH
T
TCLKCE
CES
T
CLKH
T
CLKL
T
CEH
T
DS
T
DH
T
CEDO
T
DOUT
T
DOUTP
T
PREVIOUS DATA
NEW DATA
NEW DATA LATCHED HERE
[1]
CE
RS
CLK
D
IN
LED OUTPUTS,
CONTROL
REGISTERS
(SIMULTANEOUS)
OUT
D
D
(SERIAL)
OUT
2
1
3
4
11
12
6
7
8
10
9
5
Control Word 0
Loading  the  Control  Register  with  D7  =  Logic  low  se-
lects Control Word 0 (see Table 2). Bits D0-D3 adjust the 
display  brightness  by  pulse  width  modulating  the  LED 
on-time, while Bits D4-D5 adjust the display brightness 
by changing the peak pixel current. Bit D6 selects normal 
operation or sleep mode.
Sleep mode (Control Word 0, bit D6 = Low) turns off the 
Internal Display Oscillator and the LED pixel drivers. This 
mode is used when the IC needs to be powered up, but 
does not need to be active. Current draw in sleep mode 
is nearly zero. Data in the Dot Register and Control Words 
are retained during sleep mode.
Control Register
The Control Register allows software modification of the 
IC’s  operation  and  consists  of  two  independent  7-bit 
control words. Bit D7 in the shift register selects one of 
the  two  7-bit  control  words.  Control  Word  0  performs 
pulse  width  modulation  brightness  control,  peak  pixel 
current brightness control, and sleep mode. Control Word 
1 sets serial/simultaneous data out mode, and external 
oscillator  prescaler.  Each  function  is  independent  of 
the others. 
Control Register Data Loading
Data  is  loaded  into  the  Control  Register,  MSB  first,  ac-
cording  to  the  procedure  shown  in  Table  1  and  the 
Write Cycle Timing Diagram. First, RS is brought to logic 
high  and  then  CE  is  brought  to  logic  low.  Next,  each 
successive rising CLK edge will shift in the data on the 
DIN  pin.  Finally,  when  8  bits  have  been  loaded,  the  CE 
line  is  brought  to  logic  high.  When  CLK  goes  to  logic 
low, new data is copied into the selected control word. 
Loading data into the Control Register takes place while 
the previous control word configures the display.


Similar Part No. - HCMS-2924

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2924 HP-HCMS-2924 Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2924 AVAGO-HCMS-2924 Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-2924 HP-HCMS-2924 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2924 BOARDCOM-HCMS-2924 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2924

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com