Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8775 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK8775
Description  Hall IC for Pulse Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8775 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK8775 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8775 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8775 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8775 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8775 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8775 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8775 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8775 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8775 Datasheet HTML 10Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
[AK8775]
MS1316-E-00
2011/July
7
Typical Characteristic Data (for reference)
Figure 5. Temperature dependence of sensitivity
-4
-3
-2
-1
0
1
2
3
4
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Ambient temperature Ta [℃]
BopV, BrpV vs. Ta (VDD=1.6V)
BopV
BrpV
-4
-3
-2
-1
0
1
2
3
4
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Ambient temperature Ta [℃]
BopV, BrpV vs. Ta (VDD=3.0V)
BopV
BrpV
-4
-3
-2
-1
0
1
2
3
4
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Ambient temperature Ta [℃]
BopV, BrpV vs. Ta (VDD=5.5V)
BopV
BrpV
-4
-3
-2
-1
0
1
2
3
4
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Ambient temperature Ta [℃]
BopH, BrpH vs. Ta (VDD=1.6V)
BopH
BrpH
-4
-3
-2
-1
0
1
2
3
4
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Ambient temperature Ta [℃]
BopH, BrpH vs. Ta (VDD=3.0V)
BopH
BrpH
-4
-3
-2
-1
0
1
2
3
4
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Ambient temperature Ta [℃]
BopH, BrpH vs. Ta (VDD=5.5V)
BopH
BrpH
0
20
40
60
80
100
120
140
160
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Ambient temperature Ta [℃]
IDD vs. Ta (in various VDD)
0
20
40
60
80
100
120
140
160
1
2
3
4
5
6
VDD [V]
IDD vs. VDD (in various Ta)
5.5V
3.0V
1.6V
-30℃
0℃
25℃
85℃
Figure 6. Temperature dependence of current consumption


Similar Part No. - AK8775

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8771 AKM-AK8771 Datasheet
941Kb / 5P
   High sensitivity alternating behavior Hall IC
AK8772 AKM-AK8772 Datasheet
150Kb / 5P
   AK8772 is ultra-small Hall effect IC of a single silicon chip composed of Hall element and a signal processing IC
AK8776 AKM-AK8776 Datasheet
157Kb / 11P
   Hall IC for Pulse Encoder
AK8777B AKM-AK8777B Datasheet
506Kb / 10P
   HALL EFFECT IC FOR PULSE ENCODERS
AK8778 AKM-AK8778 Datasheet
547Kb / 12P
   HALL EFFECT IC FOR PULSE ENCODERS
More results

Similar Description - AK8775

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8776 AKM-AK8776 Datasheet
157Kb / 11P
   Hall IC for Pulse Encoder
AK8779A AKM-AK8779A Datasheet
636Kb / 13P
   Hall Effect IC for Pulse Encoders
AK8777B AKM-AK8777B Datasheet
506Kb / 10P
   HALL EFFECT IC FOR PULSE ENCODERS
AK8778 AKM-AK8778 Datasheet
547Kb / 12P
   HALL EFFECT IC FOR PULSE ENCODERS
AK8778B AKM-AK8778B Datasheet
548Kb / 12P
   HALL EFFECT IC FOR PULSE ENCODERS
AK8779B AKM-AK8779B Datasheet
569Kb / 13P
   Hall Effect IC for Pulse Encoders
logo
IC-Haus GmbH
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
   12 BIT HALL ENCODER
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
logo
IC-Haus GmbH
IC-MV ICHAUS-IC-MV Datasheet
5Mb / 28P
   8-BIT HALL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com