Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS100J1R0E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # HS100J1R0E
Description  Aluminum Housed Axial Terminal Wirewound, Industrial/Commercial Grade
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HS100J1R0E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  HS100J1R0E Datasheet HTML 1Page - Ohmite Mfg. Co. HS100J1R0E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ohmite Mfg. Co.
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
27
The HS/HSN Series offers
greater power capacity (100
and 250 watts) in the same
design format as Ohmite’s 89
Series.
HS/HSN Series maintains
the same construction, materi-
als, and manufacturing tech-
niques as the 89 Series. As
a made-to-order product, it is
recommended for higher vol-
ume applications.
Fea tures
• Standard winding (Model HS)
• Non-inductive winding (Model
HSN)
• Molded construction for total
environmental protection
• Complete welded construction
• Mounts on chassis to utilize
heat-sink effect
• High stability at conventional
power ratings
• Flat marking surface for easy
identification
• RoHS compliant; add “E” suffix
to part number to specify.
HS/HSN Series
aluminum Housed axial terminal
Wirewound, Industrial/Commercial Grade
s pe CIFIC a t I ons
Material
Housing: Aluminum with hard
anodic coating.
Internal Coating: Silicone.
Core: Ceramic.
Terminals: Solder-coated axial
Derating: Linearly from
100% @ +25°C to 0% @
+275°C.
Electrical
Tolerance: ±1% and ±5% (other
tolerances available).
Power rating: Rating is based
on chassis mounting area and
temperature stability. Proper heat
sink: 12” x 12” x 0.125 Aluminum
panel.
Maximum ohmic values:
See chart.
Overload: 5 times rated wattage
for 5 seconds.
Temperature coefficient:
Under 1
Ω: ±90 ppm/°C
1 to 9.99
Ω: ±50 ppm/°C
10
Ω and over: ±30 ppm/°C.
Dielectric withstanding voltage:
4500VAC.
power rating
resistance range
Max. Working
series
(Watts)
(ohms)
Voltage
Hs100
100
.05 - 29.4K
1900
Hsn100
100
1.0 - 14.7K
1350
Hs250
250
.10 - 35.7K
2300
Hsn250
250
1.0 - 17.4K
1625
A
C
D
N
B F
E
I
H
G
M
K
J
L
A
C
D
N
B F
E
I
H
G
K
J
L
M
nickel-plated brass nut,
stainless steel stud
25 & 50 watt
100 & 250 watt
100
Ambient Temperature,
°C
60
20
0
0
150
50
275
80
40
25
100
200
250
175
75
125
225
Unmounted
Mounted to
aluminum chassis
Dera ting Curve
D imensions
Hs100 / Hsn100
Hs250 / Hsn250
in. (mm)
100 watt
250 watt
Dim. A
2.75 ± .010 (69.85 ± .254)
3.875 ± .010 (98.425 ± .254)
Dim. B
2.25 ± .010 (57.15 ± .254)
2.5 ± .010 (63.50 ± .254)
Dim. C
3.50 ± .031 (88.90 ± .787)
4.5 ± .031 (114.30 ± .787)
Dim. D
5.478 ± .093 (139.14 ± 2.36)
6.73 ± .093 (170.94 ± 2.36)
Dim. E
1.812 ± .031 (46.02 ± .787)
2.125 ± .031 (53.98 ± .787)
Dim. F
2.812 ± .031 (71.42 ± .787)
3.0 ± .031 (76.20 ± .787)
Dim. G
1.75 ± .031 (44.45 ± .787)
2.188 ± .031 (55.58 ± .787)
Dim. H
1.88 ± .031 (4.78 ± .787)
0.250 ± .031 (6.35 ± .787)
Dim. I
0.770 ± .015 (19.56 ± .381)
0.955 ± .015 (24.26 ± .381)
Dim. J
0.375 ± .031 (9.52 ± .787)
0.312 ± .031 (7.92 ± .787)
Dim. K
0.188 ± .010 (4.78 ± .254)
0.188 ± .010 (4.78 ± .254)
Dim. L
0.219 ± .031 (5.56 ± .787)
0.25 ± .031 (6.35 ± .787)
Dim. M
12 - 24 UNC - 2A THD
1/4 - 20 UNC - 2A THD
Dim. N
0.989 ± .031 (25.12 ± .787)
1.25 ± .031 (31.75 ± .787)
or D ering in F orma tion
HS N 100JR05E
Series
Ohms
R05 = 0.05
1R0 = 1.0
10R =10
100 =
100
10K = 10,000
14K7 = 14,700
RoHS
Compliant
Tolerance
F = 1%
J = 5%
K=10%
Non-Inductive Winding
Optional (blank = std. winding)
Wattage
100
250
Check product availability at
www.ohmite.com
to see the latest in resistor
technology click on the “What’s
new” tab at ohmite.com


Similar Part No. - HS100J1R0E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS100 OHMITE-HS100 Datasheet
352Kb / 2P
   Wound to maximise High Pulse Capability
HS100 OHMITE-HS100 Datasheet
352Kb / 2P
   HS Aluminium Housed Resistors
HS100RJ OHMITE-HS100RJ Datasheet
352Kb / 2P
   HS Aluminium Housed Resistors
More results

Similar Description - HS100J1R0E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WFH90L4R7KE OHMITE-WFH90L4R7KE Datasheet
111Kb / 1P
   Aluminum Housed Wirewound Power
WFH OHMITE-WFH Datasheet
319Kb / 2P
   Aluminum Housed Wirewound Power
HSN100FR05E OHMITE-HSN100FR05E Datasheet
201Kb / 1P
   HSN100FR05E Wirewound, Industrial/Commercial Grade
logo
Riedon Powertron
UAL-5 RIEDON-UAL-5 Datasheet
540Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Willow Technologies Ltd
UAL WILLOW-UAL Datasheet
645Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Vishay Siliconix
RH050270R0FE02 VISHAY-RH050270R0FE02 Datasheet
198Kb / 5P
   Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
Revision: 22-Jun-12
RH025R2000 VISHAY-RH025R2000 Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
Revision: 23-May-13
TMC VISHAY-TMC Datasheet
196Kb / 5P
   Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
Revision: 23-Jun-16
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com