Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C2V4-AU_F1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BZX84C2V4-AU_F1_00001
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX84C2V4-AU_F1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BZX84C2V4-AU_F1_00001 Datasheet HTML 1Page - Pan Jit International Inc. BZX84C2V4-AU_F1_00001 Datasheet HTML 2Page - Pan Jit International Inc. BZX84C2V4-AU_F1_00001 Datasheet HTML 3Page - Pan Jit International Inc. BZX84C2V4-AU_F1_00001 Datasheet HTML 4Page - Pan Jit International Inc. BZX84C2V4-AU_F1_00001 Datasheet HTML 5Page - Pan Jit International Inc. BZX84C2V4-AU_F1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
June 14,2011-REV.02
BZX84C2V4
SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 75 Volts
POWER
410 mWatts
MECHANICAL DATA
• Case: SOT-23, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.0003 ounces, 0.0084 grams
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
NOTES:
1. Mounted on 50mmX16mm FR-4 board.
2. Mounted on minimum pad layout (1cmX1cm FR-4 board).
Parameter
Symbol
Value
Units
Maximum Power Dissipation (Notes 1) at 25OC
PD
410
mW
Typical Thermal Resistance ,Junction to Ambient (Notes 2)
RΘJA
500
O
C/W
Operating Junction and StorageTemperature Range
TJ
-55 to +150
O
C
SINGLE
12
3
SOT-23
Unit inch(mm)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
FEATURES
• Planar Die construction
• 410mW Power Dissipation
• Zener Voltages from 2.4~75V
• Ideally Suited for Automated Assembly Processes
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)


Similar Part No. - BZX84C2V4-AU_F1_00001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C2V4- VISHAY-BZX84C2V4- Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
logo
Diodes Incorporated
BZX84C2V4-7-F DIODES-BZX84C2V4-7-F Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
logo
Vishay Siliconix
BZX84C2V4-E3-08 VISHAY-BZX84C2V4-E3-08 Datasheet
114Kb / 8P
   Small Signal Zener Diodes
Rev. 2.0, 28-Feb-13
BZX84C2V4-E3-18 VISHAY-BZX84C2V4-E3-18 Datasheet
114Kb / 8P
   Small Signal Zener Diodes
Rev. 2.0, 28-Feb-13
BZX84C2V4-G VISHAY-BZX84C2V4-G Datasheet
125Kb / 8P
   Silicon planar Zener diodes
Rev. 1.2, 28-Feb-13
More results

Similar Description - BZX84C2V4-AU_F1_00001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com