Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52-C2V4S-AU_T2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BZT52-C2V4S-AU_T2_00001
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZT52-C2V4S-AU_T2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BZT52-C2V4S-AU_T2_00001 Datasheet HTML 1Page - Pan Jit International Inc. BZT52-C2V4S-AU_T2_00001 Datasheet HTML 2Page - Pan Jit International Inc. BZT52-C2V4S-AU_T2_00001 Datasheet HTML 3Page - Pan Jit International Inc. BZT52-C2V4S-AU_T2_00001 Datasheet HTML 4Page - Pan Jit International Inc. BZT52-C2V4S-AU_T2_00001 Datasheet HTML 5Page - Pan Jit International Inc. BZT52-C2V4S-AU_T2_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
August 26,2013-REV.05
BZT52-C2V4S-AU SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 75 Volts
POWER
200 mWatts
FEATURES
• Planar Die construction
• 200mW Power Dissipation
• Zener Voltages from 2.4~75V
• Ideally Suited for Automated Assembly Processes
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOD-323, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.00014 ounces, 0.0041 grams
• Polarity : Color band cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
NOTES :
A. Mounted on 5mm2(.013mm thick) land areas.
PARAMETER
SYMBOL
VALUE
UNITS
Power Dissipation (Notes A) at TA = 25OC
PD
200
mW
Operating Junction Temperature and StorageTemperature Range
TJ
-55 to +150
OC
1
2
Cathode
Anode
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Similar Part No. - BZT52-C2V4S-AU_T2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Formosa MS
BZT52-C2V4S FORMOSA-BZT52-C2V4S Datasheet
116Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
80Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
BZT52-C2V4S DIOTECH-BZT52-C2V4S Datasheet
1Mb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
145Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52-C2V4S-AU_T2_00001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com