Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER3A-AU_F_00001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # ER3A-AU_F_00001
Description  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER3A-AU_F_00001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  ER3A-AU_F_00001 Datasheet HTML 1Page - Pan Jit International Inc. ER3A-AU_F_00001 Datasheet HTML 2Page - Pan Jit International Inc. ER3A-AU_F_00001 Datasheet HTML 3Page - Pan Jit International Inc. ER3A-AU_F_00001 Datasheet HTML 4Page - Pan Jit International Inc. ER3A-AU_F_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
October 23,2012-REV.06
ER3A-AU~ER3J-AU
Part No_packing code_Version
ER3A-AU_R1_000A1
ER3A-AU_R1_100A1
ER3A-AU_R2_000A1
ER3A-AU_R2_100A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - ER3A-AU_F_00001

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER3A-HT MCC-ER3A-HT Datasheet
781Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
ER3A-HT MCC-ER3A-HT Datasheet
242Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Won-Top Electronics
ER3A-T1 WTE-ER3A-T1 Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
ER3A-T3 WTE-ER3A-T3 Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ER3A-AU_F_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com