Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER2DAF-AU_AX_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER2DAF-AU_AX_00001
Description  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER2DAF-AU_AX_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER2DAF-AU_AX_00001 Datasheet HTML 1Page - Pan Jit International Inc. ER2DAF-AU_AX_00001 Datasheet HTML 2Page - Pan Jit International Inc. ER2DAF-AU_AX_00001 Datasheet HTML 3Page - Pan Jit International Inc. ER2DAF-AU_AX_00001 Datasheet HTML 4Page - Pan Jit International Inc. ER2DAF-AU_AX_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
October 19,2012-REV.00
ER2DAF-AU
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Glass passivated junction
• Easy pick and place
• High temperature metallurgically bonden-no compression contacts as
found in other diode-constructed rectifiers
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: Epoxy molded
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0011 ounces, 0.0328 grams
• Polarity : Color band denotes cathode end
SURFACE MOUNT RECTIFIER
NOTES : 1.Mounted on an FR4 PCB, single-sided copper, with 100cm2copper pad area.
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
3.Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Recover to 0.25A.
VOLTAGE
200 Volts
2 Amperes
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
PA RA ME TE R
S YMB OL
VA LUE
UNITS
Recurrent P eak Revers e Voltage
V
RRM
200
V
RMS Voltage
V
RMS
140
V
D C B locki ng Voltage
V
R
200
V
A verage For ward C urrent
I
F(AV)
2A
P eak F orward S urge C urrent : 8.3ms si ngle half si ne-wave
superi mposed on rated load (JE D E C method)
I
FS M
50
A
Forward Voltage at 2A
V
F
0.95
V
D C Revers e C urrent at Rated D C B locki ng Voltage
I
R
1
A
Revers e Recovery Ti me (Note 3)
t
rr
35
ns
Typi cal Juncti on C apaci tance
V R=4V,1MHZ
C
J
30
pF
Typi cal Thermal Resi stance ,Juncti on to Lead (Note 1)
Juncti on to A mbi ent (Note 2)
R
JL
R
JA
25
150
O
C / W
Operati ng J uncti on Temperature and S torage Temperature Range
T
J,TSTG
-55 to +150
O
C


Similar Part No. - ER2DAF-AU_AX_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2DAF PANJIT-ER2DAF Datasheet
288Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
SUNMATE electronic Co.,...
ER2DAF SUNMATE-ER2DAF Datasheet
335Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
Pan Jit International I...
ER2DAF_R1_00001 PANJIT-ER2DAF_R1_00001 Datasheet
288Kb / 5P
   SURFACE MOUNT RECTIFIER
ER2DAF_R2_00001 PANJIT-ER2DAF_R2_00001 Datasheet
288Kb / 5P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - ER2DAF-AU_AX_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com