Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8451 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK8451
Description  1 channel-input 16 bit 6MSPS ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8451 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK8451 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8451 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8451 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8451 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8451 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8451 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8451 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8451 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8451 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ASAHI KASEI
[AK8451]
MS0937-E-01
2011/04
6
Circuit Block Description
Sensor Interface Part
Circuit to sample & hold input signal which is fed on CISIN0 pin. Signal input range is 1.98V
(typ.). There are two input modes, DC Direct Coupled Mode and CDS Mode. In DC Direct
Coupled Mode, Positive polarity signal is handled. In CDS Mode, Negative polarity signal is
handled. Signal Reference Voltage should be input on VCLP pin in DC Direct Coupled mode. In
CDS mode, Voltage level to clamp signal is internally generated and it is output on VCLP pin.
Black Level Correction Circuit
Circuit to add an offset voltage to the sampled signal level. Voltage range of DAC which
generates Offset is
±240 mV (typ.) and its resolution is 8 Bit.
PGA Part
Circuit to adjust signal amplitude, prior to AD conversion. Adjustable gain range is from 0dB to
13.9dB ( typ. ) (1.0× ~ 4.9×) and its resolution is 6 Bit.
ADC Part
AD conversion circuit to convert into Digital data an Analog signal after both Black level
correction and Gain adjustment are made. Its resolution is 16 Bit with its maximum conversion
rate of 6MSPS. Data output is in a straight Binary code. 0000h is output at Black level input
( 0Vpp input ) and FFFFh is output at White level input ( maximum input ).
Output Control Part
A 16 Bit-wide × 1ch ADC output data is re-arranged into 2 Bit × 8 cycle×1ch or 4Bit × 4cycle×1ch
stream at this part. In Single Edge Mode operation, Data is output at the rising edge of MCLK.
In Double Edge Mode operation, it is output at both rising and falling edges of MCLK. Output
mode is 2bit or 4bit by single mode, only 2bit on double mode. Particulars is on P34 & P35.
Reference Voltage Generator
Circuit to generate internal reference voltages. Clamp Reference Voltage VCLP, internal
common voltage VCOM and ADC reference voltages VRP and VRN are generated. Each
reference voltage is output on respective device pins. For voltage stabilization, capacitors should
be connected between respective pins and AVSS.
LED Driver Part
This product generates has 3 channel LED driver to drive RGB constant current. Use the ON/
OFF digital terminal to control the constant current.
Serial Interface Part
A 3-Wire Interface circuit to access setting-registers. SDCLK (clock) and SDATA (data) pins are
shared with D0 and D1 pins of ADC Data Output. When SDENB pin is at low, D0 and D1pins
function as SDCLK and SDATA input pins. In order to avoid both SDCLK and SDATA pins to
become floating condition, proper pull-down resistors should be connected between D0 / SDCLK
pin, D1 / SDATA pin and AVSS respectively.


Similar Part No. - AK8451

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8452 AKM-AK8452 Datasheet
1Mb / 46P
   2 channel-input 16 bit 10MSPS ADC
AK8456 AKM-AK8456 Datasheet
761Kb / 32P
   3 channel input 16bit 30MSPS Video ADC with LED driver
More results

Similar Description - AK8451

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
logo
Linear Technology
LTC1740 LINER-LTC1740_15 Datasheet
940Kb / 16P
   14-Bit, 6Msps, Sampling ADC
LTC1740 LINER-LTC1740 Datasheet
934Kb / 16P
   14-Bit, 6Msps, Sampling ADC
logo
Asahi Kasei Microsystem...
AK8452 AKM-AK8452 Datasheet
1Mb / 46P
   2 channel-input 16 bit 10MSPS ADC
logo
Analog Devices
AD7490 AD-AD7490_17 Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
logo
Linear Technology
LTC2436-1 LINER-LTC2436-1_15 Datasheet
302Kb / 28P
   2-Channel Differential Input 16-Bit No Latency ADC
logo
Asahi Kasei Microsystem...
AK8411 AKM-AK8411 Datasheet
346Kb / 25P
   Single Channel Input, 16 Bit 5 MSPS Video ADC
logo
Analog Devices
AD7606C-16 AD-AD7606C-16 Datasheet
1Mb / 74P
   8-Channel DAS with 16-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com