Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER3A-AU_F0_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER3A-AU_F0_00001
Description  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER3A-AU_F0_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER3A-AU_F0_00001 Datasheet HTML 1Page - Pan Jit International Inc. ER3A-AU_F0_00001 Datasheet HTML 2Page - Pan Jit International Inc. ER3A-AU_F0_00001 Datasheet HTML 3Page - Pan Jit International Inc. ER3A-AU_F0_00001 Datasheet HTML 4Page - Pan Jit International Inc. ER3A-AU_F0_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
October 23,2012-REV.06
ER3A-AU~ER3J-AU
FEATURES
• For surface mounted applications
• High temperature metallurgically bonded-no compression
contacts as found in other diode-constructed rectifiers
• Glass passivated junction
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: JEDEC DO-214AB molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 16mm tape (EIA-481)
• Weight: 0.0082 ounce, 0.2325 gram
SURFACE MOUNT RECTIFIER
NOTES:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and applied Vr = 4.0 volts.
3. 8.0 mm2 ( .013mm thick ) land areas.
VOLTAGE
50 to 600 Volts
3 Amperes
CURRENT
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PARAMETER
SYMBOL ER3A-AU ER3B-AU ER3C-AU ER3D-AU ER3E-AU ER3G-AU ER3J-AU UNITS
Maximum Recurrent P eak Reverse Vo ltage
V
RRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
V
RMS
35
70
105
140
210
280
420
V
Maximum D C B locking Vo ltage
V
DC
50
100
150
200
300
400
600
V
Maximum Average F orward C urrent a t T
L=7 5
O
CI
F(AV)
3A
Peak Forward Surge C urrent : 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
I
FSM
100
A
Maximum Forward Voltage at 3 A
V
F
0.95
1.25
1.7
V
Maximum DC Reverse Current at Rated D C Blocking
Voltage
T
J=2 5
O
C
T
J=1 0 0
O
C
I
R
1
200
μ
A
Maximum R everse R ecovery Time ( Notes 1 )
t
rr
35
ns
Typical Junction Capacitance (Notes 2)
C
J
45
pF
Typical Thermal Resistance (Notes 3)
R
θ
JL
16
O
C /
W
Operating a nd Storage Temperature Range
T
J,TSTG
-55 to +150
O
C
0.280(7.11)
0.260(6.60)
0.050(1.27)
0.030(0.76)
0.320(8.13)
0.305(7.75)
0.008(0.203)
0.002(0.051)
0.012(0.305)
0.006(0.152)


Similar Part No. - ER3A-AU_F0_00001

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER3A-HT MCC-ER3A-HT Datasheet
781Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
ER3A-HT MCC-ER3A-HT Datasheet
242Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Won-Top Electronics
ER3A-T1 WTE-ER3A-T1 Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
ER3A-T3 WTE-ER3A-T3 Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ER3A-AU_F0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com