Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C3V3TW-AU Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BZX84C3V3TW-AU
Description  TRIPLE ISOLATED SURFACE MOUNT ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX84C3V3TW-AU Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BZX84C3V3TW-AU Datasheet HTML 1Page - Pan Jit International Inc. BZX84C3V3TW-AU Datasheet HTML 2Page - Pan Jit International Inc. BZX84C3V3TW-AU Datasheet HTML 3Page - Pan Jit International Inc. BZX84C3V3TW-AU Datasheet HTML 4Page - Pan Jit International Inc. BZX84C3V3TW-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
October 05,2011-REV.01
Part Number
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse
Leakage Current
Marking
Code
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Nom. V
Min. V
Max. V
Ω
mA
Ω
mA
uA
V
200 mWatts Zener Diodes
2.4
2.28
2.52
100
5.0
600
1.00
50
1.0
W1
2.7
2.57
2.84
100
5.0
600
1.00
20
1.0
W2
3.0
2.85
3.15
95
5.0
600
1.00
10
1.0
W3
3.3
3.14
3.47
95
5.0
600
1.00
5.0
1.0
W4
3.6
3.42
3.78
90
5.0
600
1.00
5.0
1.0
W5
3.9
3.71
4.10
90
5.0
600
1.00
3.0
1.0
W6
4.3
4.09
4.52
90
5.0
600
1.00
3.0
1.0
W7
4.7
4.47
4.94
80
5.0
500
1.00
3.0
2.0
W8
5.1
4.85
5.36
60
5.0
480
1.00
2.0
2.0
W9
5.6
5.32
5.88
40
5.0
400
1.00
1.0
2.0
WA
6.2
5.89
6.51
10
5.0
150
1.00
3.0
4.0
WB
6.8
6.46
7.14
15
5.0
80
1.00
2.0
4.0
WC
7.5
7.13
7.88
15
5.0
80
1.00
1.0
5.0
WD
8.2
7.79
8.61
15
5.0
80
1.00
0.7
5.0
WE
8.7
8.27
9.14
15
5
100
1.00
0.7
5.0
87C
9.1
8.65
9.56
15
5.0
100
1.00
0.5
6.0
WF
10
9.50
10.50
20
5.0
150
1.00
0.2
7.0
WG
11
10.45
11.55
20
5.0
150
1.00
0.1
8.0
WH
12
11.40
12.60
25
5.0
150
1.00
0.1
8.0
WI
13
12.35
13.65
30
5.0
170
1.00
0.1
8.0
WK
14
13.30
14.70
30
5.0
170
1.00
0.1
10.0
WJ
15
14.25
15.75
30
5.0
200
1.00
0.1
10.5
WL
16
15.20
16.80
40
5.0
200
1.00
0.1
11.2
WM
17
16.15
17.85
40
5.0
200
1.00
0.1
12.2
17C
18
17.10
18.90
45
5.0
225
1.00
0.1
12.6
WN
20
19.00
21.00
55
5.0
225
1.00
0.1
14.0
WO
22
20.90
23.10
55
5.0
250
1.00
0.1
15.4
WP
24
22.80
25.20
70
5.0
250
1.00
0.1
16.8
WR
27
25.65
28.35
80
5.0
300
1.00
0.1
18.9
WS
28
26.60
29.40
80
5.0
300
1.00
0.1
20.5
28C
30
28.50
31.50
80
5.0
300
1.00
0.1
21.0
WT
33
31.35
34.65
80
5.0
325
1.00
0.1
23.1
WU
36
34.20
37.80
90
5.0
350
1.00
0.1
25.2
WW
39
37.05
40.95
130
5.0
350
1.00
0.1
27.3
WX
43
40.85
45.15
150
5.0
375
1.00
0.1
30.1
WY
47
44.65
49.35
170
5.0
375
1.00
0.1
32.9
WZ
51
48.45
53.55
100
5.0
400
1.00
0.1
38
XA
56
53.20
58.80
135
2.5
1000
1.00
0.1
42
X2
62
58.90
65.10
150
2.5
1000
1.00
0.1
46
X3
68
64.60
71.40
200
2.5
1000
1.00
0.1
51
X4
75
71.25
78.75
250
2.5
1000
1.00
0.1
56
X5
BZX84C2V4TW-AU~BZX84C75TW-AU
BZX84C2V4TW-AU
BZX84C2V7TW-AU
BZX84C3V0TW-AU
BZX84C3V3TW-AU
BZX84C3V6TW-AU
BZX84C3V9TW-AU
BZX84C4V3TW-AU
BZX84C4V7TW-AU
BZX84C5V1TW-AU
BZX84C5V6TW-AU
BZX84C6V2TW-AU
BZX84C6V8TW-AU
BZX84C7V5TW-AU
BZX84C8V2TW-AU
BZX84C8V7TW-AU
BZX84C9V1TW-AU
BZX84C10TW-AU
BZX84C11TW-AU
BZX84C12TW-AU
BZX84C13TW-AU
BZX84C14TW-AU
BZX84C15TW-AU
BZX84C16TW-AU
BZX84C17TW-AU
BZX84C18TW-AU
BZX84C20TW-AU
BZX84C22TW-AU
BZX84C24TW-AU
BZX84C27TW-AU
BZX84C28TW-AU
BZX84C30TW-AU
BZX84C33TW-AU
BZX84C36TW-AU
BZX84C39TW-AU
BZX84C43TW-AU
BZX84C47TW-AU
BZX84C51TW-AU
BZX84C56TW-AU
BZX84C62TW-AU
BZX84C68TW-AU
BZX84C75TW-AU


Similar Part No. - BZX84C3V3TW-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C3V3TW PANJIT-BZX84C3V3TW Datasheet
106Kb / 3P
   TRIPLE ISOLATED 200mW ZENERS
More results

Similar Description - BZX84C3V3TW-AU

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKZ5221B CENTRAL-CMKZ5221B_15 Datasheet
556Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_10 Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_15 Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMKZ5221B CENTRAL-CMKZ5221B_10 Datasheet
556Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES 5% TOLERANCE
CMXSH-3 CENTRAL-CMXSH-3_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKSH-3T CENTRAL-CMKSH-3T_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMXSH-3 CENTRAL-CMXSH-3_15 Datasheet
568Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKSH-3T CENTRAL-CMKSH-3T Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMXD4448 CENTRAL-CMXD4448_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMKSH2-4LR CENTRAL-CMKSH2-4LR_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON LOW VF SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com