Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KST13 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KST13
Description  Darlington Amplifier Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KST13 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KST13 Datasheet HTML 1Page - Fairchild Semiconductor KST13 Datasheet HTML 2Page - Fairchild Semiconductor KST13 Datasheet HTML 3Page - Fairchild Semiconductor KST13 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, November 2002
Typical Characteristics
Figure 1. DC Current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Current Gain Bandwidth Product
1k
10k
100k
1000k
100
1000
10
1
VCE = 5V
IC[mA], COLLECTOR CURRENT
0.3
10
100
300
0.1
0.5
1
10
5
IC = 1000 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
1
10
100
1.0
1.8
2.2
2.6
0.2
0.6
1.4
0
VCE = 5V
VBE(sat)[V], BASE-EMITTER VOLTAGE
1
10
100
1000
3
100
1
10
20
VCE = 5V
IC[mA], COLLECTOR CURRENT


Similar Part No. - KST13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KST13 FAIRCHILD-KST13 Datasheet
58Kb / 4P
   Darlington Amplifier Transistor
KST13MTF FAIRCHILD-KST13MTF Datasheet
58Kb / 4P
   Darlington Amplifier Transistor
More results

Similar Description - KST13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KST13MTF FAIRCHILD-KST13MTF Datasheet
58Kb / 4P
   Darlington Amplifier Transistor
logo
Samsung semiconductor
MMBTA14 SAMSUNG-MMBTA14 Datasheet
28Kb / 1P
   NPN (DARLINGTON AMPLIFIER TRANSISTOR)
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
   NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13_11 Datasheet
265Kb / 5P
   NPN Darlington Amplifier Transistor
MMBTA13 MCC-MMBTA13_08 Datasheet
154Kb / 5P
   NPN Darlington Amplifier Transistor
MMBTA13 MCC-MMBTA13 Datasheet
166Kb / 4P
   NPN Darlington Amplifier Transistor
logo
Shenzhen Luguang Electr...
MMBTA13 LUGUANG-MMBTA13 Datasheet
618Kb / 2P
   NPN Darlington Amplifier Transistor
MMBTA63 LUGUANG-MMBTA63 Datasheet
686Kb / 3P
   PNP Darlington Amplifier Transistor
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13_17 Datasheet
277Kb / 5P
   NPN Darlington Amplifier Transistor
logo
Shenzhen Luguang Electr...
BCV27 LUGUANG-BCV27 Datasheet
770Kb / 4P
   NPN Darlington Amplifier Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com