Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB28-1-AG Datasheet(PDF) 6 Page - Power-One

Part # HB28-1-AG
Description  Linear Power Supplies Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HB28-1-AG Datasheet(HTML) 6 Page - Power-One

  HB28-1-AG Datasheet HTML 1Page - Power-One HB28-1-AG Datasheet HTML 2Page - Power-One HB28-1-AG Datasheet HTML 3Page - Power-One HB28-1-AG Datasheet HTML 4Page - Power-One HB28-1-AG Datasheet HTML 5Page - Power-One HB28-1-AG Datasheet HTML 6Page - Power-One HB28-1-AG Datasheet HTML 7Page - Power-One HB28-1-AG Datasheet HTML 8Page - Power-One HB28-1-AG Datasheet HTML 9Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MCD10016 Rev. 1.2, 13-Nov-09
Page 6 of 9
www.power-one.com
Linear Power Supplies Data Sheet
Environmental Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Operating Temperature
Derate output power linearly above 50°C by 3% per °C.
At 100% load
0
50
°C
At 40% load
70
°C
Storage Temperature
-40
85
°C
Temperature Coefficient
0°C to 50°C (after 15 minute warm-up).
0.1
0.3
%/°C
24 hours after warm-up.
-0.3
+0.3
%
Shock
Operating.
20
GPK
Vibration
Random vibration from 10 Hz to 2 kHz, 3 axis.
6.15
GRMS
Relative Humidity
Non-Condensing.
5
95
%RH


Similar Part No. - HB28-1-AG

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HB28-1-A++ SLPOWER-HB28-1-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HB28-1-A+G SLPOWER-HB28-1-A+G Datasheet
374Kb / 7P
   DC Power Supplies
More results

Similar Description - HB28-1-AG

ManufacturerPart #DatasheetDescription
logo
Power-One
HC15-3-A POWER-ONE-HC15-3-A Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
   Linear Power Supplies
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
ANADIGICS, Inc
ADA10000 ANADIGICS-ADA10000 Datasheet
259Kb / 12P
   Linear Amplifier MMIC Data Sheet - Rev 2.3
logo
Pasternack Enterprises,...
PE20DV1035 PASTERNACK-PE20DV1035 Datasheet
462Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0023 PASTERNACK-PE20S0023 Datasheet
614Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0024 PASTERNACK-PE20S0024 Datasheet
491Kb / 5P
   Power Dividers Technical Data Sheet
PE20DV1034 PASTERNACK-PE20DV1034 Datasheet
461Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0020 PASTERNACK-PE20S0020 Datasheet
441Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0022 PASTERNACK-PE20S0022 Datasheet
433Kb / 5P
   Power Dividers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com