Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD0.5ZHH-M6 Datasheet(PDF) 6 Page - Power-One

Part # NVD0.5ZHH-M6
Description  6W SMT Converter Wide Input 3.3V to 24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVD0.5ZHH-M6 Datasheet(HTML) 6 Page - Power-One

Back Button NVD0.5ZHH-M6 Datasheet HTML 2Page - Power-One NVD0.5ZHH-M6 Datasheet HTML 3Page - Power-One NVD0.5ZHH-M6 Datasheet HTML 4Page - Power-One NVD0.5ZHH-M6 Datasheet HTML 5Page - Power-One NVD0.5ZHH-M6 Datasheet HTML 6Page - Power-One NVD0.5ZHH-M6 Datasheet HTML 7Page - Power-One NVD0.5ZHH-M6 Datasheet HTML 8Page - Power-One NVD0.5ZHH-M6 Datasheet HTML 9Page - Power-One NVD0.5ZHH-M6 Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NV DC-DC Series Data Sheet
6W SMT Converter Wide Input 3.3V to +/-24V Outputs
APR 20, 2006 revised to MAR 12, 2007
Page 6 of 11
www.power-one.com
Output Current Limiting
When the output is overloaded above the maximum
output current rating, the voltage will start to reduce
to maintain the output power to a safe level. In a
condition of high overload or short-circuit where the
output voltage is pulled below approximately 30% of
Vo.nom, the unit will enter a ‘Hiccup’ mode of
operation. Under this condition the unit will attempt
to restart, approximately every 100 ms until the
overload has cleared.
Parallel Operation
Paralleling of two converters is possible by direct
connection of the output voltage terminal pins. The
load regulation characteristic is designed to facilitate
current sharing (typically ± 20%).
However, this may cause start-up problems at initial
start-up, and is only recommended in applications
where one converter is able to deliver the full load
current (true redundant systems).
Series Operation
The outputs of two units may be connected in series
to achieve a higher system voltage.
Safety Considerations
These converters feature 1500 VDC isolation from
input to output.
The input-to-output resistance is
greater than 10MΩ. These converters are provided
with Basic Insulation between input and output
circuits
according
to
EN60950
/
UL1950
/
CSA60950-00.
Nevertheless, if the system using
the converter needs to receive safety agency
approval, certain rules must be followed in the design
of the system. In particular, all of the creepage and
clearance requirements of the end-use safety
requirements must be observed. These documents
include UL60950, CSA60950-00 and EN60950,
although specific applications may have additional
requirements.
In order for the output of the converter to be
considered as SELV (Safety Extra Low Voltage) or
TNV-1, according to EN60950
/ UL1950 /
CSA60950-00, one of the following requirements
must be met in the system design:
• The converter has no internal fuse. An external
fuse must be provided to protect the system from
catastrophic failure. The recommended fuse
values are shown below:
Input Voltage Range
Recommended Fuse
36-75V
F0.315A
18-36V
F0.5A
9-36V
F1.0A
18-75V
F0.5A
• The user can select a lower rating fuse based
upon the inrush transient and the maximum input
current of the converter, which occurs at the
minimum input voltage. Both input traces and the
chassis ground trace (if applicable) must be
capable of conducting a current of 1.5 times the
value of the fuse without opening. The fuse must
not be placed in the grounded input line, if any.
• If the voltage source feeding the module is SELV,
the output of the converter is considered SELV
and may be grounded or ungrounded.
• The circuitry of the converter may generate
transients, which exceed the input voltage. Even
if the input voltage is SELV (<60V) the
components on the primary side of the converter
may have to be considered as hazardous.
A
safety interlock may be needed to prevent the
user
from
accessing
the
converter
while
operational.


Similar Part No. - NVD0.5ZHH-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVD0.5ZHH-M6 POWER-ONE-NVD0.5ZHH-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
More results

Similar Description - NVD0.5ZHH-M6

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
   6W Wide Input Single & Dual Output DC-DC Converter
logo
DIWELL Electronics Co.,...
CW DIWELL-CW Datasheet
262Kb / 24P
   3W-6W WIDE INPUT RANGE
2013/9/6
CMW DIWELL-CMW Datasheet
420Kb / 7P
   3W-6W WIDE INPUT RANGE
2020/05/18
logo
Superworld Electronics
SW6R24S03WSMF SUPERWORLD-SW6R24S03WSMF Datasheet
165Kb / 2P
   6W Wide Input Single & Dual SMD DC-DC Converter
SW6R48S03UWF SUPERWORLD-SW6R48S03UWF Datasheet
184Kb / 2P
   6W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW6R48S03UWSMF SUPERWORLD-SW6R48S03UWSMF Datasheet
147Kb / 2P
   6W Ultra-Wide Input Single & Dual SMD DC-DC Converter
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Delta Electronics, Inc.
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com