Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP6405N6 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTP6405N6
Description  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP6405N6 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTP6405N6 Datasheet HTML 1Page - Cystech Electonics Corp. MTP6405N6 Datasheet HTML 2Page - Cystech Electonics Corp. MTP6405N6 Datasheet HTML 3Page - Cystech Electonics Corp. MTP6405N6 Datasheet HTML 4Page - Cystech Electonics Corp. MTP6405N6 Datasheet HTML 5Page - Cystech Electonics Corp. MTP6405N6 Datasheet HTML 6Page - Cystech Electonics Corp. MTP6405N6 Datasheet HTML 7Page - Cystech Electonics Corp. MTP6405N6 Datasheet HTML 8Page - Cystech Electonics Corp. MTP6405N6 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C386N6
Issued Date : 2013.08.19
Revised Date : 2013.09.06
Page No. : 1/9
MTP6405N6
CYStek Product Specification
P-Channel Enhancement Mode Power MOSFET
MTP6405N6
BVDSS
-30V
ID
-6.5A
RDSON(MAX)@VGS=-10V, ID=-5A
24mΩ(typ.)
RDSON(MAX)@VGS=-4.5V, ID=-4A
34mΩ(typ.)
Description
The MTP6405N6 is a P-channel enhancement-mode MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness.
The SOT-26 package is universally preferred for all commercial-industrial surface mount applications.
Features
Equivalent Circuit
• Simple drive requirement
MTP6405N6
G:Gate S:Source D:Drain
• Low on-resistance
• Small package outline
• Pb-free lead plating package
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±20
V
TC=25
°C
-8.2
TC=70
°C
-6.6
TA=25
°C (Note 1)
-6.5
Continuous Drain Current
TA=70
°C (Note 1)
ID
-5.2
Pulsed Drain Current (Note 2, 3)
IDM
-30
A
TC=25
°C
3.2
TC=70
°C
2.1
TA=25
°C
2
Total Power Dissipation
TA=70
°C
PD
1.25
W
Operating Junction Temperature and Storage Temperature Range
Tj, Tstg
-55~+150
°C


Similar Part No. - MTP6405N6

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTP64G ADAM-TECH-MTP64G Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
MTP64U ADAM-TECH-MTP64U Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
MTP64W ADAM-TECH-MTP64W Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
More results

Similar Description - MTP6405N6

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com