Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

051144-01761-4 Datasheet(PDF) 6 Page - 3M Electronics

Part # 051144-01761-4
Description  Engineered Metalworking Solutions
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

051144-01761-4 Datasheet(HTML) 6 Page - 3M Electronics

Back Button 051144-01761-4 Datasheet HTML 2Page - 3M Electronics 051144-01761-4 Datasheet HTML 3Page - 3M Electronics 051144-01761-4 Datasheet HTML 4Page - 3M Electronics 051144-01761-4 Datasheet HTML 5Page - 3M Electronics 051144-01761-4 Datasheet HTML 6Page - 3M Electronics 051144-01761-4 Datasheet HTML 7Page - 3M Electronics 051144-01761-4 Datasheet HTML 8Page - 3M Electronics 051144-01761-4 Datasheet HTML 9Page - 3M Electronics 051144-01761-4 Datasheet HTML 10Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
CoatedAbrasives
3MFibre Discs 785C
•3MCeramicAluminumOxide
blendabrasivegrain
•Anexcellentstartingpointforstainlesssteel
•Includesagrindingaidforcoolerrunning
UPC
Grade Max. RPM Dia. x Ctr. Hole Min./Case
051111-
60719-0
36
13,300
4-1/2" x 5/8–11*
25
051144-
80660-7
36
13,300
4-1/2" x 7/8"
25/100
051144-
80661-4
50
051144-
80662-1
60
051144-
80663-8
80
051144-
80665-2
P120
051144-
13931-6
24
12,000
5" x 7/8"
051144-
13930-9
36
051144-
13928-6
50
051144-
13977-4
60
051144-
13926-2
80
051144-
80654-6
P100
051144-
80655-3
P120
051144-
88831-3
60
8,600
7" x 5/8–11*
051144-
13937-8
24
7" x 7/8"
051144-
13936-1
36
051144-
13934-7
50
051144-
13933-0
60
051144-
13932-3
80
051144-
80656-0
P100
051144-
80657-7
P120
051144-
13943-9
24
6,600
9-1/8" x 7/8"
051144-
13942-2
36
051144-
13940-8
50
051144-
13938-5
80
† Made-to-Order
* Quick Change Tinneman Nut Attachment
60875
3MFibre Discs (cont.)
3MFibre Discs 501C
•Versatilediscforuseonawide
varietyofmetals
•Aluminumzirconiaprovidesagoodoption
forbothstainlessandmildsteelapplications
UPC
Grade Max. RPM Dia. x Ctr. Hole Min./Case
051111-
50409-3
24
13,300
4-1/2" x 7/8"
25/100
051111-
50413-0
36
051111-
50414-7
50
051111-
50415-4
60
051111-
50416-1
80
051111-
50417-8
100
051111-
50419-2
120
051111-
50410-9
24
12,000
5" x 7/8"
051111-
50412-3
36
051111-
50420-8
50
051111-
50421-5
60
051111-
50422-2
80
051111-
50423-9
100
051111-
50424-6
120
051111-
50411-6
24
8,600
7" x 7/8
051111-
50426-0
36
051111-
50425-3
50
051111-
50427-7
60
051111-
50428-4
80
051125-
63799-2
100
051111-
50430-7
120
051111-
50432-1
24
6,600
9-1/8" x 7/8"
051111-
50433-8
36
051111-
50434-5
50
† Made-to-Order
51773
See pages 72–77 for available accessories.
Tech Tip
Weld Blending Mild Steel for Paint Prep
Step 1 – Fibre Disc 982C Grade 36+
Step 2 – Scotch-BriteLight Grinding and
Blending Disc SD on black ribbed pad
Step 3 – Apply 3 mil Paint
Results – Productivity increase
– Abrasive cost improvement
2


Similar Part No. - 051144-01761-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
051144-05450-3 3M-051144-05450-3 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-05452-7 3M-051144-05452-7 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-05510-4 3M-051144-05510-4 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-05539-5 3M-051144-05539-5 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-05540-1 3M-051144-05540-1 Datasheet
4Mb / 58P
   Accessories for Surface Modification
More results

Similar Description - 051144-01761-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7200 3M-7200 Datasheet
167Kb / 4P
   3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
   3M??Novec??649 Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
   3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
   3M??Novec??72DE Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
   3M??Novec??73DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
   3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
   3M??Novec??71DE Engineered Fluid
8038 3M-8038 Datasheet
19Kb / 2P
   Scotch??8038 Performance-Engineered Polyester Film
logo
Lumileds Lighting Compa...
L2C5-30801203F09P0 LUMILEDS-L2C5-30801203F09P0 Datasheet
2Mb / 15P
   Engineered for vibrant colors
20200415
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
   3M??Novec??7700 Engineered Fluid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com