Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP1013S3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTP1013S3
Description  -20V P-CHANNEL Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP1013S3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTP1013S3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP1013S3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP1013S3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP1013S3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP1013S3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP1013S3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP1013S3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP1013S3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C698S3
Issued Date : 2012.07.13
Revised Date : 2013.09.09
Page No. : 3/ 8
MTP1013S3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
0.4
0.8
1.2
1.6
2
01
2
34
5
67
89
10
-VDS, Drain-Source Voltage(V)
-VGS=1.8V
-VGS=2V
-VGS=1.5V
-VGS=2.5V
-VGS=3V
-VGS=3.5V
-VGS=5V, 4.5V,4V
Brekdown Voltage vs Ambient Temperature
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
0
2
4
6
8
10
12
0.001
0.01
0.1
1
-ID, Drain Current(A)
-VGS=2.5V
-VGS=1.5V
-VGS=1.2V
-VGS=1.8V
-VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
0
0.3
0.6
0.9
1.2
1.5
-IDR, Reverse Drain Current (A)
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
024
68
10
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-60
-20
20
60
100
140
180
Tj, Junction Temperature(°C)
VGS=-4.5V, ID=-500mA
VGS=-2.5V, ID=-300mA
-VGS, Gate-Source Voltage(V)
ID=-500mA
ID=-300mA
ID=-10mA


Similar Part No. - MTP1013S3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP1013C3 CYSTEKEC-MTP1013C3 Datasheet
320Kb / 8P
   -20V P-CHANNEL Enhancement Mode MOSFET
More results

Similar Description - MTP1013S3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com