Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3490-4 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3490-4
Description  .100 x .100 Wiremount Socket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3490-4 Datasheet(HTML) 2 Page - 3M Electronics

  3490-4 Datasheet HTML 1Page - 3M Electronics 3490-4 Datasheet HTML 2Page - 3M Electronics 3490-4 Datasheet HTML 3Page - 3M Electronics 3490-4 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MAccessories
.100" x .100" Wiremount Socket
TS-0720-E
Sheet 2 of 2
.318
[8.08]
.100 Dia
[2.54]
Polarizing Post
Note: Insert Post into one mounting hardware hole on
bottom of header. Set post to protrude .115” [2.92]
3 201 -5
P B T
G ray
3 201 -4
L C P
B la c k
Polarizing Keys
.15
[3.8]
.09
[2.3]
A
Breakaway Tab
.34 Ref
[8.6]
Note: #2216 B/A Scotchweld can be used to adhere keys.
Dim A
N3518
LCP
Black
.02
3518
PBT
Gray
.02
Mounting Hardware
.31
[7.9]
.50
[12.7]
Panhead Thread Cutting Screw:
#4-24 X 5/16”
Type: USA Std BT, Federal BG
Hex Head Bolt, Nut and Washer
Bolt - #2-56 X 1/2”
3341-5
(Installed from bottom of board)
3341-6
(Must be inserted prior to latch on
vertical headers)
3341-5 & 6
Material - Stainless Steel


Similar Part No. - 3490-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3490-4 3M-3490-4 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
3490-4 3M-3490-4 Datasheet
1Mb / 4P
   3M??Accessories
More results

Similar Description - 3490-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
152210-0000GB 3M-152210-0000GB Datasheet
70Kb / 3P
   2mm X 2mm Wiremount Socket
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3417-7040 3M-3417-7040 Datasheet
1Mb / 4P
   3M??Wiremount Socket .100??횞 .100??for .050??Pitch Cable (Optional Plastic or Metal Strain Relief)
38104-0018-000FL 3M-38104-0018-000FL Datasheet
639Kb / 2P
   3M?줝INK CONNECTOR, 2.54MM[.100"], WIREMOUNT, HERMAPHRODITIC
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com