Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3490-1 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3490-1
Description  .100 x .100 Wiremount Socket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3490-1 Datasheet(HTML) 1 Page - 3M Electronics

  3490-1 Datasheet HTML 1Page - 3M Electronics 3490-1 Datasheet HTML 2Page - 3M Electronics 3490-1 Datasheet HTML 3Page - 3M Electronics 3490-1 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MAccessories
.100" x .100" Wiremount Socket
Contact
Quantity
Dim B
Dim C
6
.48 [ 12.2 ]
n/a
8
.58 [14.7 ]
n/a
10
0.68 [ 17.3 ]
0.62 [ 15.7 ]
14
0.88 [ 22.4 ]
0.82 [ 20.8 ]
16
0.98 [ 24.9 ]
0.92 [ 23.4 ]
20
1.18 [ 30.0 ]
1.12 [ 28.4 ]
24
1.38 [ 35.1 ]
1.32 [ 33.5 ]
26
1.48 [ 37.6 ]
1.42 [ 36.1 ]
30
1.68 [ 42.7 ]
1.62 [ 41.1 ]
34
1.88 [ 47.8 ]
1.82 [ 46.2 ]
36
1.98 [ 50.3 ]
1.92 [ 48.8 ]
40
2.18 [ 55.4 ]
2.12 [ 53.8 ]
44
2.38 [ 60.5 ]
2.32 [ 58.9 ]
50
2.68 [ 68.1 ]
2.62 [ 66.5 ]
60
3.18 [ 80.8 ]
3.12 [ 79.2 ]
3M Part Number
Dimension A ± .02
3490-1
0.50 [ 12.7 ]
3490-2
1.00 [ 25.4 ]
3490-3
1.50 [ 38.1 ]
3490-4
2.00 [ 50.8 ]
3490-5
2.50 [ 63.5 ]
3490-7
3.10 [ 78.7 ]
3490-6
3.25 [ 82.6 ]
3490-9
“No Product Labeling”
1.50 [ 38.1] width
2.00 [ 50.8 ] length
3490-10
0.26 [ 6.6 ]
Inch
[mm]
Tolerance Unless Noted
.0
.0.
.00.
Inch
±.1
±.01
±..005
[ ] Dimensions for Reference Only
.026
[ 0.66 ]
.051
[ 1.30 ]
3435
Breakaway
Tab
.24
[ 6.1 ]
Keying Plug
3435-0
RoHS* compliant
.032
[ 0.81 ]
Material: Gray Polyester (PBT)
.5
[ 13 ]
See
Note 3
See
Note 2
3.00
[ 76.2 ]
3490-X
A
Standard Pull Tab
3490
See
Note 1
C
.08
[ 2.0 ]
See Note 1
Metal
Material: Stainless
Steel pasivated
.53 Ref
[ 13.5 ]
.10
[ 2.5 ]
Plastic
Material: Gray Polyester (PBT)
.15
[ 3.8 ]
Recessed for
Cable Exit
.24
[ 6.1 ]
B
.63
[ 16.0 ]
Strain Relief
3448-X0XX
XX= ‘‘Contact Quantity''
of Socket:
(i.e. 50 for
50 Position
Strain Relief)
Type:
2 = Metal
10-60 Position
3 = Plastic
Note:
1. The notch is non-existent on 40 position and larger.
2. RoHS* compliant
.22
[ 5.6 ]
*"RoHS compliant" means that the product or part does not contain any of
the following substances in excess of the following maximum
concentration values in any homogeneous material, unless the
substance is in an application that is exempt under RoHS: (a) 0.1% (by
weight) for lead, mercury, hexavalent chromium, polybrominated
biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight)
for cadmium. Unless otherwise stated in writing by 3M, this information
represents 3M's knowledge and belief based on information provided
by third party suppliers to 3M.
Notes:
1. Matte finish for ink labeling.
2. Material: Polyester
Thickness: .005 ± .001
Flammability: Oxygen index minimum 28, ASTM D-2863.
3. Material: Double sided adhesive tape with liner.
4. RoHS compliant*.
Date Modified: April 3, 2013
TS-0720-E
Sheet 1 of 1


Similar Part No. - 3490-1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3490-1 3M-3490-1 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
3490-1 3M-3490-1 Datasheet
1Mb / 4P
   3M??Accessories
3490-10 3M-3490-10 Datasheet
1Mb / 4P
   3M??Accessories
More results

Similar Description - 3490-1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
152210-0000GB 3M-152210-0000GB Datasheet
70Kb / 3P
   2mm X 2mm Wiremount Socket
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3417-7040 3M-3417-7040 Datasheet
1Mb / 4P
   3M??Wiremount Socket .100??횞 .100??for .050??Pitch Cable (Optional Plastic or Metal Strain Relief)
38104-0018-000FL 3M-38104-0018-000FL Datasheet
639Kb / 2P
   3M?줝INK CONNECTOR, 2.54MM[.100"], WIREMOUNT, HERMAPHRODITIC
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com