Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3504-3 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3504-3
Description  Strain Relief/Grounding Clamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3504-3 Datasheet(HTML) 2 Page - 3M Electronics

  3504-3 Datasheet HTML 1Page - 3M Electronics 3504-3 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MCable Accessory
Strain Relief/Grounding Clamp
3504 Series
Ordering Information
3504-X
Cable Width (Maximum)
2 = 2.92 [ 74.2 ]
3 = 3.69 [ 93.7 ]
4 = 4.94 [ 125.5 ]
Note: Packaged 100 per bag.
Notes:
1. Material: Aluminum.
2. Plating Per Mil-C-4451, Class 3 Clear.
3. Includes Four #8-32 Round Head Screw.
4x
∅ .18 Holes
[ 4.57 ]
4x Mounting Holes
4x 8-32 Tapped Holes
.38
[ 9.5 ]
Bottom
.75
[ 19.05 ]
.20
[ 5.16 ]
.50
[ 12.7 ]
.20
[ 5.2 ]
A
B
E
C
D
Top
.38
[ 9.5 ]
TS-0268-10
Sheet 2 of 2
Inch
[mm]
±.010
±.1
±.05
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only


Similar Part No. - 3504-3

ManufacturerPart #DatasheetDescription
logo
NEC
3504 NEC-3504 Datasheet
68Kb / 10P
   THREE-THERMAL POSITIVE OUTPUT VOLTAGE
logo
List of Unclassifed Man...
35040 ETC2-35040 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
35040 ETC2-35040 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
logo
Molex Electronics Ltd.
35040-9000 MOLEX4-35040-9000 Datasheet
98Kb / 2P
   1.85mm (.070") Tab Terminal, Male, 16-18 AWG (1.31-0.80mm짼), (.012") ThicknessPre-Tin Plated
35040-9502 MOLEX4-35040-9502 Datasheet
98Kb / 2P
   1.85mm (.070") Tab Terminal, Male, 14 AWG (2.08mm짼), (.012") Thickness, Pre-TinPlated
More results

Similar Description - 3504-3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA042 GLENAIR-620AA042 Datasheet
305Kb / 1P
   Composite Strain-Relief Clamp
620MA065-90 GLENAIR-620MA065-90 Datasheet
180Kb / 1P
   Rotatable Coupling Strain Relief Clamp
logo
Pomona Electronics
5076 POMONA-5076 Datasheet
22Kb / 1P
   Strain Relief Boot With Clamp Nut
logo
Glenair, Inc.
620MS064 GLENAIR-620MS064 Datasheet
149Kb / 1P
   Direct or Rotatable Coupling Strain Relief Clamp
logo
HARTING Technology Grou...
09-14-000-0312 HARTING-09-14-000-0312 Datasheet
450Kb / 2P
   Module Clamp with strain relief (1 pcs)
2021-10-01
logo
List of Unclassifed Man...
BU-58 ETC2-BU-58 Datasheet
517Kb / 1P
   Grounding Clamp
logo
PHOENIX CONTACT
1587742 PHOENIX-1587742 Datasheet
56Kb / 3P
   Strain relief clamp - HC-M-08-GBIT-LK7
logo
HARTING Technology Grou...
09-14-000-0311 HARTING-09-14-000-0311 Datasheet
452Kb / 1P
   Module Clamp w/o strain relief (1 pcs)
2021-10-01
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
   Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
   Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com