Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

951204-7722-AR Datasheet(PDF) 3 Page - 3M Electronics

Part # 951204-7722-AR
Description  2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

951204-7722-AR Datasheet(HTML) 3 Page - 3M Electronics

  951204-7722-AR Datasheet HTML 1Page - 3M Electronics 951204-7722-AR Datasheet HTML 2Page - 3M Electronics 951204-7722-AR Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be reliable, but the accuracy or completeness
is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product which are not contained in 3M’s current publications, or any contrary statements contained on your purchase order
VKDOOKDYHQRIRUFHRUHIIHFWXQOHVVH[SUHVVO\DJUHHGXSRQ LQZULWLQJ E\DQDXWKRUL]HGRIFHURI0
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture for a period of 90 days from the time of purchase. 3M MAKES NO OTHER WARRANTIES
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE.
If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the
purchase price of the 3M product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential
loss or damage arising from this 3M product, regardless of the legal theory asserted.
Please recycle. Printed in USA.
© 3M 2008. All rights reserved.
RIA-2217A-E
1
3M Electronics Solutions
Division
6801 River Place Blvd.
Austin, TX 78726-9000
U.S.A.
1-800-225-5373
www.3m.com/interconnects
3M is a trademark of 3M Company.


Similar Part No. - 951204-7722-AR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
951200201 ATMEL-951200201 Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
951200301 ATMEL-951200301 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
logo
FIBOX Enclosing innovat...
9512009 FIBOX-9512009 Datasheet
51Kb / 1P
   Mounting plate, for enclosures
13.01.2023
9512010 FIBOX-9512010 Datasheet
42Kb / 1P
   Mounting plate, for enclosures
13.01.2023
9512011 FIBOX-9512011 Datasheet
42Kb / 1P
   Mounting plate, for enclosures
13.01.2023
More results

Similar Description - 951204-7722-AR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
1552 3M-1552 Datasheet
1Mb / 7P
   Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
   3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
logo
ILSI America LLC
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTS ILSI-ZTTS Datasheet
54Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com