Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92318 Datasheet(PDF) 1 Page - 3M Electronics

Part # 92318
Description  Engineered Metalworking Solutions
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

92318 Datasheet(HTML) 1 Page - 3M Electronics

  92318 Datasheet HTML 1Page - 3M Electronics 92318 Datasheet HTML 2Page - 3M Electronics 92318 Datasheet HTML 3Page - 3M Electronics 92318 Datasheet HTML 4Page - 3M Electronics 92318 Datasheet HTML 5Page - 3M Electronics 92318 Datasheet HTML 6Page - 3M Electronics 92318 Datasheet HTML 7Page - 3M Electronics 92318 Datasheet HTML 8Page - 3M Electronics 92318 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
3M Industrial Products
for Metalworking
Please Recycle. Printed in U.S.A.
© 3M 2011. All rights reserved.
61-5002-8097-1
2011 Edition
Abrasive Systems Division
3M Center, Building 223-6S-03
St. Paul, MN 55144-1000
1-866-279-1235
www.3M.com/abrasives
Prices subject to change without notice.
Important Notice to Purchaser
Safety Information: Always read and follow all safety information included with the product. Do not exceed maximum operating RPM’s. Use guards
provided with machine. Follow safety operation procedures posted in work areas.
Product Use: All statements, technical information and recommendations contained in this document are based upon tests or experience that
3M believes are reliable. However, many factors beyond 3M’s control can effect the use and performance of a 3M product in a particular application,
including the conditions under which the product is used and the time and environments conditions in which the product is expected to perform. Since
these factors are uniquely within the user’s knowledge and control, it is essential that the user evaluate the 3M product to determine whether it is fit for
a particular purpose and suitable for the user’s method of application.
Warranty and Limited Remedy: Unless stated otherwise in 3M’s product literature, packaging inserts or product packaging for individual products, 3M
warrants that each 3M product meets the applicable specifications at the time 3M ships the product. Individual products may have additional or different
warranties as stated on product literature, package inserts or product packages. 3M MAkES No otHER wARRANtIES, ExPRESS oR IMPlIED, INClUDINg,
BUt Not lIMItED to, ANy IMPlIED wARRANty oF MERCHANtABIlIty oR FItNESS FoR A PARtICUlAR PURPoSE oR ANy IMPlIED
wARRANty ARISINg oUt oF A CoURSE oF DEAlINg, CUStoM oR USAgE oF tRADE. User is responsible for determining whether the 3M product is fit
for a particular purpose and suitable for user’s application. If the 3M product is defective within the warranty period, your exclusive remedy and 3M’s
and seller’s sole obligation will be at 3M’s option, to replace the product or refund the purchase price.
Limitation of Liability: Except where prohibited by law, 3M and seller will not be liable for any loss or damage arising from the 3M product, whether
direct, indirect, special, incidental, or consequential, regardless of the legal theory asserted, including warranty, contract, negligence, or strict liability.
thRee eASy WAyS to coNtAct US foR ALL 3M INDUStRIAL PRoDUctS:
3M can provide additional products and accessories to meet your needs. Please contact us
in any of the following ways that you prefer:
Contact your local 3M authorized distributor directly. For information on a 3M distributor
or sales representative in your area, contact us at the numbers below:
For the contiguous 48 United States:
Call ..............
1-866-279-1288
Fax ..............
1-877-369-2923
E-mail us at
3MIndustrial@mmm.com
For additional 3M product information call
1-800-3M helps or visit us at www.3M.com
1
2
3
Engineered
Metalworking
Solutions
3M, Bx, Cool Flow, Classic, Cubitron, E-A-R, E-A-Rsoft, EARflex,
Elavation, EPx, green Corps, Hookit, lexa, light Vision, Neons,
one touch, optime, Peltor, Pistonz, Push-Ins, Reload, Roloc,
SafeAbsorb, Safelight, Safety-walk, Scotch, Scotch-Brite,
Scotch-Seal, Scotch-weld, Scotchblok, Scotchpar, Scotchpro,
Speedglas, Stikit, Super 77, tartan, thor, trizact, UltraFit, VHB,
Virtua, wetordry and yellow Neon are all trademarks of 3M.


Similar Part No. - 92318

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
92318-04XX MOLEX2-92318-04XX Datasheet
1Mb / 20P
   1.27mm IDT Connector System for Ribbon Cable Applications
92318-06XX MOLEX2-92318-06XX Datasheet
1Mb / 20P
   1.27mm IDT Connector System for Ribbon Cable Applications
92318-0816 MOLEX11-92318-0816 Datasheet
110Kb / 2P
   Picoflex PF-50 IDT-Board In Z-Style, 8 Circuits, 0.16m (6.30") Length
92318-0826 MOLEX11-92318-0826 Datasheet
110Kb / 2P
   Picoflex짰 PF-50 IDT-Board In Z-Style, 8 Circuits
92318-0830 MOLEX11-92318-0830 Datasheet
110Kb / 2P
   Picoflex짰 PF-50 IDT-Board In Z-Style
More results

Similar Description - 92318

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7200 3M-7200 Datasheet
167Kb / 4P
   3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
   3M??Novec??649 Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
   3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
   3M??Novec??72DE Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
   3M??Novec??73DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
   3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
   3M??Novec??71DE Engineered Fluid
8038 3M-8038 Datasheet
19Kb / 2P
   Scotch??8038 Performance-Engineered Polyester Film
logo
Lumileds Lighting Compa...
L2C5-30801203F09P0 LUMILEDS-L2C5-30801203F09P0 Datasheet
2Mb / 15P
   Engineered for vibrant colors
20200415
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
   3M??Novec??7700 Engineered Fluid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com